Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
36
4.7.3
LVDS Pad Specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol, which is an enhanced feature of the DSPI
module.
4.8
Oscillator and FMPLL Electrical Characteristics
Table 17. DSPI LVDS Pad Specification 1, 2
(VDD33 = 3.0 V to 3.6 V, VDDEH = 4.75 V to 5.25 V, TA =TL to TH)
1 These are typical values that are estimated from simulation.
2 These specifications are subject to change per device characterization.
Spec
Characteristic
Symbol
Min
Typical
Max
Unit
Data Rate
1
Data Frequency
fLVDSCLK
—40—
MHz
Driver Specs
2
Differential Output Voltage
VOD
150
—
400
mV
3
Common Mode Voltage (LVDS), VOS
VOS
1.075
1.2
1.325
V
4
Rise/Fall Time
tR or tF
—2—
ns
5
Delay, Z to Normal (High/Low)
tDZ
—
500
—
ns
6
Differential Skew between Positive and
Negative LVDS Pair
I tphla –tplhb I or I tplhb –tphla I
tSkew
——
0.5
ns
Termination
7
Transmission Line (Differential)
ZO
95
100
105
ohm
Table 18. FMPLL Electrical Specifications1
(VDDSYN = 3.0 V to 3.6 V, VSS =VSSSYN =0 V, TA =TL to TH)
Spec
Characteristic
Symbol
Min
Max
Unit
1
PLL Reference Frequency Range2 (Normal Mode)
Crystal Reference (PLLCFG2 = 0b0)
Crystal Reference (PLLCFG2 = 0b1)
External Reference (PLLCFG2 = 0b0)
External Reference(PLLCFG2 = 0b1)
fref_crystal
fref_crystal
fref_ext
fref_ext
8
40
8
40
20
403
20
40
MHz
2
PLL Frequency 4
Enhanced Mode
fPLL
fvco(min) ÷ 64
fmax
MHz
3
Loss of Reference Frequency5
fLOR
100
1000
kHz
4
Self Clocked Mode Frequency6
fSCM
416
MHz
5
PLL Lock Time7
tLPLL
—
<750
μs
6
Duty Cycle of Reference 8, 9
tDC
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com