Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
41
4.10
C90 Flash Memory Electrical Characteristics
Table 23. ADC Band Gap Reference / LVI Electrical Specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
1
4.75 LVD (from VDDA)
ADC1 channel 196
VADC196
—
4.75
—
V
2
ADC Bandgap
ADC0 channel 45
ADC1 channel 45
VADC45
—
1.220
—
V
Table 24. Temperature Sensor Electrical Specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
1Slope
–40
°C to 100 °C ±1.0 °C
100
°C to 150 °C ±1.6 °C
ADC0 channel 128
ADC1 channel 128
VSADC128
1
1 Slope is the measured voltage change per °C.
—
5.8
—
mV/
°C
2
Accuracy
–40
°C to 150 °C
ADC0 channel 128
ADC1 channel 128
——
±10.0
—
°C
Table 25. Flash Program and Erase Specifications1
1 Typical program and erase times assume nominal supply values and operation at 25 oC. All times are subject to change
pending device characterization.
Spec
Characteristic
Symbol
Min
Initial
Max2
2 Initial factory condition:
≤ 100 program/erase cycles, 25 oC, typical supply voltage, 80 MHz minimum system frequency.
Max3
Unit
1
Double Word (64 bits) Program Time4
tdwprogram
—
—
500
μs
2
Page Program Time4,5
tpprogram
—
160
500
μs
3
16 KB Block Pre-program and Erase Time
t16kpperase
—
1000
5000
ms
4
64 KB Block Pre-program and Erase Time
t64kpperase
—
1800
5000
ms
5
128 KB Block Pre-program and Erase Time
t128kpperase
—
2600
7500
ms
6
256 KB Block Pre-program and Erase Time
t256kpperase
—
5200
15000
ms
7
Minimum operating frequency
—
250
—
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com