Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
48
Figure 20. Reset and Configuration Pin Timing
4.12.3
IEEE 1149.1 Interface Timing
1 Reset timing specified at: V
DDEH = 3.0 V to 5.25 V, VDD = 1.08 V to 1.32 V, TA =TL to TH.
2 See Notes on t
cyc on Figure 16 and Table 28 in Section 4.11.1, “Clocking.”
Table 34. JTAG Pin AC Electrical Characteristics1
Spec
Characteristic
Symbol
Min
Max
Unit
1
TCK Cycle Time
tJCYC
100
—
ns
2
TCK Clock Pulse Width (Measured at VDDE / 2)
tJDC
40
60
ns
3
TCK Rise and Fall Times (40%–70%)
tTCKRISE
—3
ns
4
TMS, TDI Data Setup Time
tTMSS, tTDIS
5—
ns
5
TMS, TDI Data Hold Time
tTMSH, tTDIH
25
—
ns
6
TCK Low to TDO Data Valid
tTDOV
—10
ns
7
TCK Low to TDO Data Invalid
tTDOI
0—
ns
8
TCK Low to TDO High Impedance
tTDOHZ
—20
ns
9
JCOMP Assertion Time
tJCMPPW
100
—
ns
10
JCOMP Setup Time to TCK Low
tJCMPS
40
—
ns
11
TCK Falling Edge to Output Valid
tBSDV
—50
ns
1
2
RESET
RSTOUT
WKPCFG
PLLCFG
3
4
BOOTCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com