Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Signal Properties and Muxing
Freescale Semiconductor
74
Appendix A Signal Properties and Muxing
The following table shows the signals properties for each pin on the MPC5674F. For each port pin that has an associated
SIU_PCRn register to control its pin properties, the supported functions column lists the functions associated with the
programming of the SIU_PCRn[PA] bit in the order: Primary function (P), Function 2 (F2), Function 3 (F3), and GPIO (G). See
Figure 49.
U
Figure 49. Supported Functions Example
Primary Functions
Secondary Functions
GPIO Functions are
are listed First
are alternate functions
listed Last
GPIO/
PCR1
Signal Name2
P/
F/
GFunction3
Function Summary
I/O
Pad
Type
113
TCRCLKA_IRQ7_GPIO113 P
TCRCLKA
eTPU A TCR clock
I
5V M
A1
IRQ7
External interrupt request
I
A2
——
—
G
GPIO113
GPIO
I/O
Function not implemented on this device
Table 2. Signal Properties Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com