Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
24
where:
TT = thermocouple temperature on top of the package (
oC)
Ψ
JT = thermal characterization parameter (
oC/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm. of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
References:
Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134
(408) 943-6900
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at 800-854-7179 or
303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.
•
C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive Engine
Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
•
G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled Applications,” Electronic
Packaging and Production, pp. 53-58, March 1998.
•
B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its Application
in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
4.3
EMI (Electromagnetic Interference) Characteristics
To find application notes that provide guidance on designing your system to minimize interference from radiated emissions, go
to www.freescale.com and perform a keyword search for “radiated emissions.” The following tables list the values of the
device's radiated emissions operating behaviors.
Table 7. EMC Radiated Emissions Operating Behaviors: 416 BGA
Symbol
Description
Conditions
fOSC
fSYS
Frequency
band (MHz)
Level
(max.)
Unit Notes
VRE_TEM
Radiated emissions,
electric field and
magnetic field
VDD = 1.2 V
VDDE = 3.3 V
VDDEH = 5 V
TA = 25 °C
416 BGA
EBI off
CLK on
FM off
40 MHz crystal
264 MHz
(fEBI_CAL =66
MHz)
0.15–50
26
dB
μV
1
50–150
30
150–500
34
500–1000
30
IEC and SAE level
I2
—
1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com