Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
40
4.9.1
ADC Internal Resource Measurements
9 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP =VDDA + 0.5 V and VNEGCLAMP = –0.3 V, then use the larger of the calculated values.
10 Condition applies to two adjacent pins at injection limits.
11 Performance expected with production silicon.
12 All channels have same 10 k
Ω <Rs<100kΩ Channel under test has Rs = 10 kΩ, I
INJ=IINJMAX,IINJMIN.
13 The TUE specification is always less than the sum of the INL, DNL, offset, and gain errors due to cancelling errors.
14 TUE does not apply to differential conversions.
Table 21. Power Management Control (PMC) Specification
Spec
Characteristic
Symbol
Min
Typical
Max
Unit
PMC Normal Mode
1
Bandgap 0.62 V
ADC0 channel 145
VADC145
—
0.62
—
V
2
Bandgap 1.2 V
ADC0 channel 146
VADC146
—
1.22
—
V
3
Vreg1p2 Feedback
ADC0 channel 147
VADC147
—
VDD / 2.045
—
V
4LVD 1.2 V
ADC0 channel 180
VADC180
—
VDD / 1.774
—
V
5
Vreg3p3 Feedback
ADC0 channel 181
VADC181
—
Vreg3p3 / 5.460
—
V
6LVD 3.3 V
ADC0 channel 182
VADC182
—
Vreg3p3 / 4.758
—V
7LVD 5.0 V
ADC0 channel 183
— LDO mode
— SMPS mode
VADC183
—
VDDREG / 4.758
VDDREG/7.032
—
V
Table 22. Standby RAM Regulator Electrical Specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
Normal Mode
1
Standby Regulator Output
ADC1 channel 194
VADC194
—
1.2
—
V
2
Standby Source Bias
150 mV to 360 mV (30mV Increment @
vref_sel)
ADC1 channel 195
Default Value 150 mV (@vref_sel = 1 1 1)
VADC195
150
—
360
mV
3
Standby Brownout Reference
ADC1 channel 195
VADC195
500
850
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com