Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
28
9IDD33
VREG 3.3V max DC output current
Note: Max current supplied by VDDSYN that does
not cause it to drop below VLVD33
——
60
mA
10
—
Voltage regulator 3.3V current consumption
VDDREG
Note: Except IDD33
—2
—
mA
11
VPORREG
POR rising on VDDREG
—
2.00
—
V
11a —
POR VDDREG variation
VPORREG – 30% VPORREG VPORREG + 30%
V
11b —
POR VDDREG hysteresis
—
250
—
mV
12
VLVDREG
Nominal rising LVD VDDREG
(LDO3V / LDO5V mode)
—2.950
—
V
12a —
Untrimmed LVD VDDREG variation before band
gap trim
Note: Rising VDDREG
VLVDREG – 5%
VLVDREG
VLVDREG + 5%
V
12b —
Trimmed LVD VDDREG variation after band gap
trim
Note: Rising VDDREG
VLVDREG – 3%
VLVDREG
VLVDREG + 3%
V
12c —
LVD VDDREG Hysteresis
(LDO3V / LDO5V mode)
—30
—
mV
12d VLVDSTEPREG Trimming step LVD VDDREG
(LDO3V / LDO5V mode)
—30
—
mV
13
VLVDREG
Nominal rising LVD VDDREG
(SMPS5V mode)
—4.360
—
V
13a —
Untrimmed LVD VDDREG variation before band
gap trim
Note: Rising VDDREG
VLVDREG – 5%
VLVDREG
VLVDREG + 5%
V
13b —
Trimmed LVD VDDREG variation after band gap
trim
Note: Rising VDDREG
VLVDREG – 3%
VLVDREG
VLVDREG + 3%
V
13c —
LVD VDDREG Hysteresis
(SMPS5V mode)
—50
—
mV
13d VLVDSTEPREG Trimming step LVD VDDREG
(SMPS5V mode)
—50
—
mV
14
VLVDA
Nominal rising LVD VDDA
—
4.60
—
V
14a —
Untrimmed LVD VDDA variation before band gap
trim
VLVDA – 5%
VLVDA
VLVDA + 5%
V
14b —
Trimmed LVD VDDA variation after band gap trim
VLVDA – 3%
VLVDA
VLVDA + 3%
V
14c —
LVD VDDA Hysteresis
—
150
—
mV
14d VLVDASTEP
Trimming step LVD VDDA
—
20
—
mV
Table 11. PMC Electrical Specifications (continued)
ID
Name
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com