Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
39
4.9
eQADC Electrical Characteristics
Table 20. eQADC Conversion Specifications (Operating)
Spec
Characteristic
Symbol
Min
Max
Unit
1
ADC Clock (ADCLK) Frequency
fADCLK
216
MHz
2
Conversion Cycles
Single Ended Conversion Cycles 12 bit
resolution
Single Ended Conversion Cycles 10 bit
resolution
Single Ended Conversion Cycles 8 bit
resolution
Note: Differential conversion (min) is one clock
cycle less than the single-ended
conversion values listed here.
CC
2+ 14
2+ 12
2+ 10
128 + 14
128 + 12
128 + 10
ADCLK cycles
3
Stop Mode Recovery Time1
1 Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to the time that
the ADC is ready to perform conversions.Delay from power up to full accuracy = 8 ms.
TSR
10
—
μs
4
Resolution2
2 At V
RH –VRL = 5.12 V, one count = 1.25 mV without using pregain.
—1.25
—
mV
5
INL: 8 MHz ADC Clock3
3 INL and DNL are tested from V
RL + 50 LSB to VRH – 50 LSB. The eQADC is guaranteed to be monotonic at 10 bit accuracy
(12 bit resolution selected).
INL8
–44
4 New design target. Actual specification will change following characterization. Margin for manufacturing has not been fully
included.
44
LSB5
5 At V
RH –VRL = 5.12 V, one LSB = 1.25 mV.
6
INL: 16 MHz ADC Clock3
INL16
–84
84
LSB
7
DNL: 8 MHz ADC Clock3
DNL8
–34
34
LSB
8
DNL: 16 MHz ADC Clock3
DNL16
–34
34
LSB
9
Offset Error without Calibration
OFFNC
04
1004
LSB
10
Offset Error with Calibration
OFFWC
–44
44
LSB
11
Full Scale Gain Error without Calibration
GAINNC
–1204
04
LSB
12
Full Scale Gain Error with Calibration
GAINWC
–44,6
6 The value is valid at 8 MHz, it is ±8 counts at 16 Mhz.
44,6
LSB
13
Non-Disruptive Input Injection Current 7, 8, 9, 10
7 Below disruptive current conditions, the channel being stressed has conversion values of $3FF for analog inputs greater than
VRH and $000 for values less than VRL. Other channels are not affected by non-disruptive conditions.
8 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit do
not affect device reliability or cause permanent damage.
IINJ
–3
3
m
Α
14
Incremental Error due to injection current11, 12
EINJ
—+44
Counts
15
TUE value at 8 MHz 13, 14 (with calibration)
TUE8
—
+44,6
Counts
16
TUE value at 16 MHz 13, 14 (with calibration)
TUE16
—
+8
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com