Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
20
4
Electrical Characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for the MPC5674F.
The electrical specifications are preliminary and are from previous designs, design simulations, or initial evaluation. These
specifications may not be fully tested or guaranteed at this stage of the product life cycle, however for production silicon these
specifications will be met. Finalized specifications will be published after complete characterization and device qualifications
have been completed.
4.1
Maximum Ratings
Table 3. Absolute Maximum Ratings1
Spec
Characteristic
Symbol
Min
Max2
Unit
1
1.2 V Core Supply Voltage3
VDD
–0.3
1.65 4
V
2
SRAM Standby Voltage
VSTBY
–0.3
6.4 5,6
V
3
Clock Synthesizer Voltage
VDDSYN
–0.3
4.5 6,7
V
4
I/O Supply Voltage (I/O buffers and predrivers)
VDD33
–0.3
4.5 6,7
V
5
Analog Supply Voltage (reference to VSSA
8)V
DDA
9
–0.3
6.4 5,6
V
6
I/O Supply Voltage (fast I/O pads)
VDDE
–0.3
4.5 6,7
V
7
I/O Supply Voltage (medium I/O pads)
VDDEH
–0.3
6.4 5,6
V
8
Voltage Regulator Input Supply Voltage
VDDREG
–0.3
6.4 5,6
V
9
Analog Reference High Voltage (reference to VRL
10)V
RH
11
–0.3
6.4 5,6
V
10
VSS to VSSA
8 Differential Voltage
VSS –VSSA
–0.1
0.1
V
11
VREF Differential Voltage
VRH –VRL
–0.3
6.4 5,6
V
12
VRL to VSSA Differential Voltage
VRL –VSSA
–0.3
0.3
V
13
VDD33 to VDDSYN Differential Voltage
VDD33 –VDDSYN
–0.1
0.1
V
14
VSSSYN to VSS Differential Voltage
VSSSYN –VSS
–0.1
0.1
V
15
Maximum Digital Input Current 12 (per pin, applies to all
digital pins)
IMAXD
–3 13
3 13
mA
16
Maximum Analog Input Current 14 (per pin, applies to all
analog pins)
IMAXA
– 3 9
3 9,13
mA
17
Maximum Operating Temperature Range 15 – Die Junction
Temperature
TJ
–40.0
150.0
oC
18
Storage Temperature Range
Tstg
–55.0
150.0
oC
19
Maximum Solder Temperature 16
Pb-free package
SnPb package
Tsdr
—
—
260.0
245.0
oC
20
Moisture Sensitivity Level 17
MSL
—
3
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com