Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
42
Table 27 shows the Platform Flash Configuration Register 1 (PFCPR1) settings versus frequency of operation. Refer to the
device reference manual for definitions of these bit fields.
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
4 Actual hardware programming times. This does not include software overhead.
5 Page size is 128 bits (4 words).
Table 26. Flash EEPROM Module Life
Spec
Characteristic
Symbol
Min
Typical1
1 Typical endurance is evaluated at 25 °C. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619, Typical Endurance
for Nonvolatile Memory.
Unit
1
Number of Program/Erase cycles per block for 16 KB and 64
KB blocks over the operating temperature range (TJ)
P/E
100,000
—
cycles
2
Number of Program/Erase cycles per block for 128 KB and
256 KB blocks over the operating temperature range (TJ)
P/E
1,000
100,000
cycles
3
Minimum Data Retention at 25 °C ambient temperature2
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
2 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Retention
20
10
1–5
—
years
Table 27. PFCPR1 Settings vs. Frequency of Operation1
1 Illegal combinations exist. Use entries from the same row in this table.
Spec
Clock
Mode
Maximum Frequency2
(MHz)
2 This is the nominal maximum frequency of operation: platform runs at f
sys/2 in Enhanced Mode .
APC =
RWSC
WWSC
DPFEN3
3 For maximum flash performance, set to 0b1.
IPFEN3
PFLIM4
4 For maximum flash performance, set to 0b10.
BFEN5
Core
fsys
Platform
fplatf
1
Enhanced
264 MHz6
132 MHz6
0b1007
0b01
0b0
0b1
0b0
0b1
0b00
0b01
0b1x
0b0
0b1
2
Enhanced/
Full
200 MHz
100 MHz
0b0107
0b01
0b0
0b1
0b0
0b1
0b00
0b01
0b1x
0b0
0b1
3
Enhanced/
Full
180 MHz
90 MHz
0b0107
0b01
0b0
0b1
0b0
0b1
0b00
0b01
0b1x
0b0
0b1
4
Legacy
132 MHz
132 MHz
0b0117
0b01
0b0
0b1
0b0
0b1
0b00
0b01
0b1x
0b0
0b1
Default setting after reset:
0b111
0b11
0b00
0b00
0b00
0b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com