Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 132 page
background image
—
VSSSYN
—
VSSSYN
Clock synthesizer ground input
I
VSSE
VDDSYN
VSSSYN
VSSSYN
U22
AA26
AA26
—VSTBY
—
VSTBY
SRAM standby power input
I
VHV
VDDEH1
VSTBY
VSTBY
K4
M4
M4
—
REGSEL
—
REGSEL
Selects regulator mode (Linear/Switch
mode)
IAE
VDDREG
REGSEL
REGSEL
V20
W23
W23
—REGCTL
—
REGCTL
Regulator controller output to
base/gate of power transistor
O
AE
VDDREG
REGCTL
REGCTL
T22
Y26
Y26
—VSSFL
—
VSSFL
Tie to VSS
I
VSS
VDDREG
VSSFL
VSSFL
V21
AB25
AB25
—
VDDREG
—
VDDREG
Source voltage for on-chip regulators
and Low voltage detect circuits
I
VDDINT
VDDREG
VDDREG
VDDREG
U21
AA25
AA25
1 The GPIO number is the same as the corresponding pad configuration register (SIU_PCRn) number in pins that have GPIO functionality. For pins that do not have GPIO
functionality, this number is the PCR number.
2 The primary signal name is used as the pin label on the BGA map for identification purposes. However, the primary signal function is not available on all devices and is
indicated by a dash in the following table columns: Signal Functions, P/F/G, and I/O Type.
3 P/A/G stands for Primary/Alternate/GPIO . This column indicates which function on a pin is Primary, Alternate 1, Alternate 2, (Alternate n) and GPIO.
4 Each line in the Function column corresponds to a separate signal function on the pin. For all device I/O pins, the primary, alternate, or GPIO signal functions are
designated in the PA field of the SIU_PCRn registers except where explicitly noted.
5 MH = High voltage, medium speed
F = Fast speed
FS = Fast speed with slew
AE = Analog with ESD protection circuitry (up/down = pull up and pull down circuits included in the pad)
VHV = Very high voltage
6 VDDE (fast I/O) and VDDEH (slow I/O) power supply inputs are grouped into segments. Each segment of VDDEH pins can connect to a separate 3.3–5.0 V (+5%/–10%)
power supply input. Each segment of VDDE pins can connect to a separate 3.3 V (±10%) power supply.
7 The Status During Reset pin is sampled after the internal POR is negated. Prior to exiting POR, the signal has a high impedance. The terminology used in this column
is: O – output, I – input, Up – weak pull up enabled, Down – weak pulldown enabled, Low – output driven low, High – output driven high, ABS — Auto Baud Select (during
Reset or until JCOMP assertion). A dash on the left side of the slash denotes that both the input and output buffers for the pin are off. A dash on the right side of the
slash denotes that there is no weak pull up/down enabled on the pin. The signal name to the left or right of the slash indicates the pin is enabled.
8 The Function After Reset of a GPI function is general purpose input. A dash on the left side of the slash denotes that both the input and output buffers for the pin are
off. A dash on the right side of the slash denotes that there is no weak pull up/down enabled on the pin.
9 This signal name includes eTPU_C functionality that this device does not have. This is for forward compatibility with devices that have an eTPU_C.
10 NMI does not have a PCR PA configuration; it is enabled when NMI is enabled through the SIU_IREER and SIU_IFEER registers.
11 Nexus reset is different than system reset; MDO 1-11 are enabled when trace (RPM or FPM) is enabled, and MDO 12-15 when FPM trace is enabled. MSEO and MCKO
are also dependent on trace (RPM or FPM) being enabled.
Table 43. Signal Properties and Muxing Summary (continued)
Signal Name2
Function4
Function Summary
State during
RESET7
State
after RESET8
Package Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com