Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 132Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 129 / 132 page
background image
Revision History
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
129
3
(cont.)
eQADC Conversion Specifications table:
Spec #7, 8: both +/-3, no dependency on frequency
Spec #15, 16: added "(with calibration)" to both
Flash Program and Erase Specifications table:
Added footnote 4 to spec #2.
Updated all initial max value times.
Updated entire AC Specifications: Clocking section.
Pad AC Specifications table: updated Medium pad specs
Derated Pad AC Specifications table: updated all specs
Updated entire Section 4.6, “Power Up/Down Sequencing.”
Updated Absolute Maximum Ratings (AMR) specs 1–11, 15, 16.
Changed name of IDDC to IREGCTL since it is the REGCTL max drive current.
Added two EMC Radiated Emissions Operating Behaviors tables and removed “EMI Testing Specifications”
table.
PMC Electrical Specifications table:
1b: Changed 1% to 2%
1c: Changed 150 to 300 ppm/C
2b: added footnote
2c: Changed from "Trimming step VDD" to "Trimming step VDD12OUT"
DC Electrical Specifications table:
6: Updated min value and added keep-out range
Standby RAM Regulator Electrical Specifications table:
Added brownout spec
PMC electrical spec table, added new specs: SMPS regulator output resistance, SPMS regulator clock
frequency, SMPS regulator overshoot at start-up, SMPS max output current, and voltage variation on current
step.
Added LVD VDDA specs to the PMC electrical spec table.
Removed specs for VDDF and VFLASH since those supplies are shorted with others in the package.
4
(Aug 2010)
Changes between Rev.3 and Rev.4:
Table “Derated Pad AC Specifications”, Spec #1: Changed 20ns to 200ns.
Added “324-ball TEPBGA Pin Assignments” section and mechanical drawings.
Appendix A (Signals):
Added “(the BAM uses this pin to select if auto baud rate is on or off)” to the EVTO pin description.
Added 324 pinout column.
Changed footnote from “NMI does not have a PCR PA configuration; it is enabled when NMI is enabled through
the SIU DIRER register.“ to “NMI does not have a PCR PA configuration; it is enabled when NMI is enabled
through the SIU_IREER and SIU_IFEER registers.”
Updated eQADC signals to show that eQADC A and B each have dedicated channels (ANx0-23) and shared
channels (AN24-39).
Table 47. Revision History (continued)
Revision
(Date)
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com