Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 132Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 128 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Revision History
Freescale Semiconductor
128
Appendix B Revision History
Table 47 describes the changes made to this document between revisions.
Table 47. Revision History
Revision
(Date)
Description of changes
2
(Sept 2008)
Initial release, NDA Required.
3
(Nov 2009)
Changes between Rev.2 and Rev. 3:
Added 516-pin package figures.
Signals table: Updates throughout entire table.
Updated Section 4.6, “Power Up/Down Sequencing”
Updated features list.
Updated flash PFCPR1 settings table.
Fixed JTAG Test Clock Input Timing figure so the spec #’s in table matched figure.
Updated Orderable Part numbers table.
Moved signals table to be an appendix.
Added 324-pin package thermals.
Updated part numbers in orderable parts table (missing F: MPC5674F).
FMPLL Electrical Spec table:
Spec #1 changed min values of 4 to 8
Removed last sentence of footnote 2
Added note "Upper tolerance of less than 1% is allowed on 40MHz crystal."
Oscillator Electrical Spec table:
Moved predivider op. frequency spec from this table to the FMPLL Electrical Spec table
Removed footnote #3 (since VDDE9 is an external supply and has no relation to the oscillator, PMC, or PLL).
Added maximum solder temperature to Absolute Max Ratings table.
PMC Operating Conditions table:
Removed JTemp row.
Changed VDDR to VDDREG (naming consistency)
Changed VDD12 to VDD (naming consistency)
PMC Electrical Spec table:
Added VDDREG to this parameter “Trimmed bandgap reference voltage / voltage dependence (VDDREG)”
Changed VDDSTEP to LVDSTEP12 (naming consistency)
Added two conditons to the opening statements of Section 4.6, “Power Up/Down Sequencing.”
DC Electrical Specifications table:
spec #9 (Fast I/O Input High Voltage)
spec #10 (Fast I/O Input Low Voltage)
spec #24 (Operating Current 1.2 V Supplies; IDD)
spec #25 (Operating Current 3.3 V Supplies; IDDSYN)
spec #32 (Analog Input Current, Channel Off; IINACT_A)
footnote #12 ("IOH_S = {11.6} mA...")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com