Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673F Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MPC5673F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673F Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MPC5673F Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5673F Datasheet HTML 132Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 130 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Revision History
Freescale Semiconductor
130
4
(cont)
“Temperature Sensor Electrical Specifications” table: Changed spec #2 to have one temperature range (-40 - 150
C) and changed spec value from ±1.0 to ±10.0 C.
“eQADC Conversion Specifications (Operating)” table: Changed spec #13 (non-disruptive injection current)
values from ±1 to ±3.
"IPCLKDIV Settings" table, removed footnote "eMIOS and DMA are not considered peripherals here."
5
(Feb-2011)
Note 4 in Maximum Ratings updated from 2.0 V to 1.65 V.
Changed I/O Supply Voltage spec in DC Electrical specs, Spec 2, from 1.62 V min to 3.0 V min.
Changed the APC=RWSC value in line 1 of PFCPR1 Settings vs. Frequency of Operation table from 0b011 to
0b100
Changed note 1 for Pad AC Specifications table from Vdde = 1.62 V to 1.98 V to read Vdde = 3.0 V to 3.6 V
Changed note 6 for Signal Properties and Muxing Summary table by removing the voltage range 1.8 V - 3.3 V to
have 3.3 V instead of the range.
Spec 2 in Table 9 “ESD Ratings“ the spec for “ESD for Charged Device Model (CDM)” changed to 250 V (other)
from 500 V (other)
Removed voltage ranges 1.62-1.98 V and 2.25-2.75 V from spec 28 in Table 14
Table 47. Revision History (continued)
Revision
(Date)
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com