Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 121 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 121 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 119Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 125Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 161 page
background image
The SCOMEN bit in the SCOMC register is the overall master control for the LCD driver; however
this bit is used in conjunction with the COMnEN bits to select which Port C pins are used for LCD
driving. Note that the Port Control register does not need to first setup the pins as outputs to enable the
LCD driver operation.
SCOMEN
COMnEN
PinFunction
O/P Level
0
X
I/O
0or1
1
0
I/O
0or1
1
1
SCOMn
VDD/2
OutputControl
LCDBiasControl
The LCD COM driver enables a range of selections to be provided to suit the requirement of the LCD
panel which is being used. The bias resistor choice is implemented using the ISEL1 and ISEL0 bits in
the SCOMC register.
SCOMC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
ISEL1
ISEL0
SCOMEN
COM3EN
COM2EN
COM1EN
COM0EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
ReservedBit
0:Correctlevel-bitmustberesettozeroforcorrectoperation
1:Unpredictableoperation-bitmustnotbesethigh
Bit6~5
ISEL1,ISEL0:ISEL1~ISEL0:Select SCOM typicalbiascurrent(V
DD=5V)
00:25
mA
01:50
mA
10:100
mA
11:200
mA
Bit4
SCOMEN: SCOM modulecontrol
0:disable
1:enable
Bit3
COM3EN: GPIO orSCOM3selection
0: GPIO
1:SCOM3
Bit2
COM2EN: GPIO orSCOM2selection
0: GPIO
1:SCOM2
Bit1
COM1EN: GPIO orSCOM1selection
0: GPIO
1:SCOM1
Bit0
COM0EN: GPIO orSCOM0selection
0: GPIO
1:SCOM0
Rev.1.10
121
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com