Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 161 page
background image
BranchesandControlTransfer
Program branching takes the form of either jumps to specified locations using the JMP instruction or to
a subroutine using the CALL instruction. They differ in the sense that in the case of a subroutine call,
the program must return to the instruction immediately when the subroutine has been carried out. This
is done by placing a return instruction RET in the subroutine which will cause the program to jump
back to the address right after the CALL instruction. In the case of a JMP instruction, the program
simply jumps to the desired location. There is no requirement to jump back to the original jumping off
point as in the case of the CALL instruction. One special and extremely useful set of branch
instructions are the conditional branches. Here a decision is first made regarding the condition of a
certain data memory or individual bits. Depending upon the conditions, the program will continue with
the next instruction or skip over it and jump to the following instruction. These instructions are the key
to decision making and branching within the program perhaps determined by the condition of certain
input switches or by the condition of internal data bits.
BitOperations
The ability to provide single bit operations on Data Memory is an extremely flexible feature of all
Holtek microcontrollers. This feature is especially useful for output port bit programming where
individual bits or port pins can be directly set high or low using either the
²SET [m].i² or ²CLR [m].i²
instructions respectively. The feature removes the need for programmers to first read the 8-bit output
port, manipulate the input data to ensure that other bits are not changed and then output the port with
the correct new data. This read-modify-write process is taken care of automatically when these bit
operation instructions are used.
TableReadOperations
Data storage is normally implemented by using registers. However, when working with large amounts
of fixed data, the volume involved often makes it inconvenient to store the fixed data in the Data
Memory. To overcome this problem, Holtek microcontrollers allow an area of Program Memory to be
setup as a table where data can be directly stored. A set of easy to use instructions provides the means
by which this fixed data can be referenced and retrieved from the Program Memory.
OtherOperations
In addition to the above functional instructions, a range of other instructions also exist such as the
²HALT² instruction for Power-down operations and instructions to control the operation of the
Watchdog Timer for reliable program operations under extreme electric or electromagnetic
environments. For their relevant operations, refer to the functional related sections.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
124
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com