Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F13 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 161 page
background image
CALL addr
Subroutinecall
Description
Unconditionally calls a subroutine at the specified address. The Program Counter then
increments by 1 to obtain the address of the next instruction which is then pushed onto
the stack. The specified address is then loaded and the program continues execution
from this new address. As this instruction requires an additional operation, it is a two cy-
cleinstruction.
Operation
Stack
¬ ProgramCounter+1
ProgramCounter
¬ addr
Affected flag(s)
None
CLR [m]
ClearDataMemory
Description
EachbitofthespecifiedDataMemoryisclearedto0.
Operation
[m]
¬ 00H
Affected flag(s)
None
CLR [m].i
ClearbitofDataMemory
Description
Bit i ofthespecifiedDataMemoryisclearedto0.
Operation
[m].i
¬ 0
Affected flag(s)
None
CLR WDT
ClearWatchdogTimer
Description
TheTO, PDF flagsandthe WDT areallcleared.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
CLR WDT1
Pre-clearWatchdogTimer
Description
The TO, PDF flags and the WDT are all cleared. Note that this instruction works in con-
junction with CLR WDT2 and must be executed alternately with CLR WDT2 to have ef-
fect. Repetitively executing this instruction without alternately executing CLR WDT2
willhavenoeffect.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
CLR WDT2
Pre-clearWatchdogTimer
Description
The TO, PDF flags and the WDT are all cleared. Note that this instruction works in con-
junction with CLR WDT1 and must be executed alternately with CLR WDT1 to have ef-
fect. Repetitively executing this instruction without alternately executing CLR WDT1
willhavenoeffect.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
128
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com