Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 202Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 203Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 204Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 205Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 206Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 207Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 208Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 209Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 206
© 2009-2011 Microchip Technology Inc.
FIGURE 31-13:
SPIx MODULE SLAVE MODE (CKE = 1) TIMING CHARACTERISTICS
SSx
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SDI
SP60
SDIx
SP30,SP31
MSb
Bit 14 - - - - - -1
LSb
SP51
MSb In
Bit 14 - - - -1
LSb In
SP52
SP73
SP72
SP72
SP73
SP71
SP40
SP41
Note: Refer to Figure 31-1 for load conditions.
SP50
SP70
SP35
TABLE 31-31: SPIx MODULE SLAVE MODE (CKE = 1) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics(1)
Min.
Typical(2)
Max.
Units
Conditions
SP70
TSCL
SCKx Input Low Time(3)
TSCK/2
—
—
ns
—
SP71
TSCH
SCKx Input High Time(3)
TSCK/2
—
—
ns
—
SP72
TSCF
SCKx Input Fall Time
—
5
10
ns
—
SP73
TSCR
SCKx Input Rise Time
—
5
10
ns
—
SP30
TDOF
SDOx Data Output Fall Time(4)
—
—
—
ns
See parameter DO32
SP31
TDOR
SDOx Data Output Rise Time(4)
—
—
—
ns
See parameter DO31
SP35
TSCH2DOV,
TSCL2DOV
SDOx Data Output Valid after
SCKx Edge
—
—
20
ns
VDD > 2.7V
—
—
30
ns
VDD < 2.7V
SP40
TDIV2SCH,
TDIV2SCL
Setup Time of SDIx Data Input
to SCKx Edge
10
—
—
ns
—
SP41
TSCH2DIL,
TSCL2DIL
Hold Time of SDIx Data Input
to SCKx Edge
10
—
—
ns
—
SP50
TSSL2SCH,
TSSL2SCL
SSx
↓to SCKx ↓or SCKx ↑ Input
175
—
—
ns
—
Note 1:
These parameters are characterized, but not tested in manufacturing.
2:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
3:
The minimum clock period for SCKx is 40 ns.
4:
Assumes 50 pF load on all SPIx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com