Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 28Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 29Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 30Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 31Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 32Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 32
© 2009-2011 Microchip Technology Inc.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
AN0
16
25
K2
I
Analog
Analog input channels.
AN1
15
24
K1
I
Analog
AN2
14
23
J2
I
Analog
AN3
13
22
J1
I
Analog
AN4
12
21
H2
I
Analog
AN5
11
20
H1
I
Analog
AN6
17
26
L1
I
Analog
AN7
18
27
J3
I
Analog
AN8
21
32
K4
I
Analog
AN9
22
33
L4
I
Analog
AN10
23
34
L5
I
Analog
AN11
24
35
J5
I
Analog
AN12
27
41
J7
I
Analog
AN13
28
42
L7
I
Analog
AN14
29
43
K7
I
Analog
AN15
30
44
L8
I
Analog
CLKI
39
63
F9
I
ST/CMOS External clock source input. Always associated
with OSC1 pin function.
CLKO
40
64
F11
O
—
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode. Optionally
functions as CLKO in RC and EC modes.
Always associated with OSC2 pin function.
OSC1
39
63
F9
I
ST/CMOS Oscillator crystal input. ST buffer when
configured in RC mode; CMOS otherwise.
OSC2
40
64
F11
I/O
—
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode. Optionally
functions as CLKO in RC and EC modes.
SOSCI
47
73
C10
I
ST/CMOS 32.768 kHz low-power oscillator crystal input;
CMOS otherwise.
SOSCO
48
74
B11
O
—
32.768 kHz low-power oscillator crystal output.
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com