Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 30Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 31Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 32Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 34
© 2009-2011 Microchip Technology Inc.
RA0
—
17
G3
I/O
ST
PORTA is a bidirectional I/O port
RA1
—
38
J6
I/O
ST
RA2
—
58
H11
I/O
ST
RA3
—
59
G10
I/O
ST
RA4
—
60
G11
I/O
ST
RA5
—
61
G9
I/O
ST
RA6
—
91
C5
I/O
ST
RA7
—
92
B5
I/O
ST
RA9
—
28
L2
I/O
ST
RA10
—
29
K3
I/O
ST
RA14
—
66
E11
I/O
ST
RA15
—
67
E8
I/O
ST
RB0
16
25
K2
I/O
ST
PORTB is a bidirectional I/O port
RB1
15
24
K1
I/O
ST
RB2
14
23
J2
I/O
ST
RB3
13
22
J1
I/O
ST
RB4
12
21
H2
I/O
ST
RB5
11
20
H1
I/O
ST
RB6
17
26
L1
I/O
ST
RB7
18
27
J3
I/O
ST
RB8
21
32
K4
I/O
ST
RB9
22
33
L4
I/O
ST
RB10
23
34
L5
I/O
ST
RB11
24
35
J5
I/O
ST
RB12
27
41
J7
I/O
ST
RB13
28
42
L7
I/O
ST
RB14
29
43
K7
I/O
ST
RB15
30
44
L8
I/O
ST
RC1
—
6
D1
I/O
ST
PORTC is a bidirectional I/O port
RC2
—
7
E4
I/O
ST
RC3
—
8
E2
I/O
ST
RC4
—
9
E1
I/O
ST
RC12
39
63
F9
I/O
ST
RC13
47
73
C10
I/O
ST
RC14
48
74
B11
I/O
ST
RC15
40
64
F11
I/O
ST
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com