Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 84Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 85Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 86Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 87Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 88Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 89Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 90Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 256 page
background image
TABLE 4-17:
DMA GLOBAL REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
3000 DMACON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
—
SUSPEND DMABUSY
—
—
—
—
—
—
—
—
—
—
—
0000
3010 DMASTAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
RDWR
DMACH<2:0>(2)
0000
3020 DMAADDR
31:16
DMAADDR<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.
2:
DMACH<3> bit is not available on PIC32MX534/564/664/764 devices.
TABLE 4-18:
DMA CRC REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
3030 DCRCCON
31:16
—
—
BYTO<1:0>
WBO
—
—
BITO
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
PLEN<4:0>
CRCEN
CRCAPP
CRCTYP
—
—
CRCCH<2:0>
0000
3040 DCRCDATA
31:16
DCRCDATA<31:0>
0000
15:0
0000
3050 DCRCXOR
31:16
DCRCXOR<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com