Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 27Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 28Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 29Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 30Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 31Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 32Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 31
PIC32MX5XX/6XX/7XX
1.0
DEVICE OVERVIEW
This document contains device-specific information for
PIC32MX5XX/6XX/7XX devices.
Figure 1-1 illustrates a general block diagram of the
core
and
peripheral
modules
in
the
PIC32MX5XX/6XX/7XX family of devices.
Table 1-1 lists the functions of the various pins shown
in the pinout diagrams.
FIGURE 1-1:
BLOCK DIAGRAM(1,2)
Note 1: This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the related section of the
“PIC32 Family Reference Manual”, which
is available from the Microchip web site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note 1:
Some features are not available on all device variants.
2:
BOR functionality is provided when the on-board voltage regulator is enabled.
UART1-6
Comparators
PORTA
PORTD
PORTE
PORTF
PORTG
PORTB
CN1-22
JTAG
Priority
MIPS32® M4K®
IS
DS
EJTAG
INT
Bus Matrix
Prefetch
Data RAM
Peripheral Bridge
128
128-bit Wide
32
32
32
32
32
Program Flash Memory
32
Module
32
32
Interrupt
Controller
BSCAN
PORTC
PMP
I2C1-5
SPI1-4
IC1-5
PWM
OC1-5
OSC1/CLKI
OSC2/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VCAP/VCORE
OSC/SOSC
Oscillators
PLL
Dividers
SYSCLK
PBCLK
Peripheral Bus Clocked by SYSCLK
PLL-USB
USBCLK
32
RTCC
10-bit ADC
Timer1-5
32
32
32
32
CPU Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com