Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 48Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 49Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 50Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 51Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 52Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 53Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 54Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 55Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 52
© 2009-2011 Microchip Technology Inc.
TABLE 3-2:
COPROCESSOR 0 REGISTERS
Register
Number
Register
Name
Function
0-6
Reserved
Reserved.
7
HWREna
Enables access via the RDHWR instruction to selected hardware registers.
8
BadVAddr(1)
Reports the address for the most recent address-related exception.
9
Count(1)
Processor cycle count.
10
Reserved
Reserved.
11
Compare(1)
Timer interrupt control.
12
Status(1)
Processor status and control.
12
IntCtl(1)
Interrupt system status and control.
12
SRSCtl(1)
Shadow register set status and control.
12
SRSMap(1)
Provides mapping from vectored interrupt to a shadow set.
13
Cause(1)
Cause of last general exception.
14
EPC(1)
Program counter at last exception.
15
PRId
Processor identification and revision.
15
EBASE
Exception vector base register.
16
Config
Configuration register.
16
Config1
Configuration Register 1.
16
Config2
Configuration Register 2.
16
Config3
Configuration Register 3.
17-22
Reserved
Reserved.
23
Debug(2)
Debug control and exception status.
24
DEPC(2)
Program counter at last debug exception.
25-29
Reserved
Reserved.
30
ErrorEPC(1)
Program counter at last error.
31
DESAVE(2)
Debug handler scratchpad register.
Note 1: Registers used in exception processing.
2: Registers used during debug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com