Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 39Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 40Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 41Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 42Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 43Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 40
© 2009-2011 Microchip Technology Inc.
EMDC
30
71
C11
O
—
Ethernet management data clock(2)
EMDIO
49
68
E9
I/O
—
Ethernet management data(2)
AERXD0
43
18
G1
I
ST
Alternate Ethernet Receive Data 0(2)
AERXD1
42
19
G2
I
ST
Alternate Ethernet Receive Data 1(2)
AERXD2
—
28
L2
I
ST
Alternate Ethernet Receive Data 2(2)
AERXD3
—
29
K3
I
ST
Alternate Ethernet Receive Data 3(2)
AERXERR
55
1
B2
I
ST
Alternate Ethernet receive error input(2)
AERXDV
—
12
F2
I
ST
Alternate Ethernet receive data valid(2)
AECRSDV
44
12
F2
I
ST
Alternate Ethernet carrier sense data valid(2)
AERXCLK
—
14
F3
I
ST
Alternate Ethernet receive clock(2)
AEREFCLK
45
14
F3
I
ST
Alternate Ethernet reference clock(2)
AETXD0
59
47
L9
O
—
Alternate Ethernet Transmit Data 0(2)
AETXD1
58
48
K9
O
—
Alternate Ethernet Transmit Data 1(2)
AETXD2
—
44
L8
O
—
Alternate Ethernet Transmit Data 2(2)
AETXD3
—
43
K7
O
—
Alternate Ethernet Transmit Data 3(2)
AETXERR
—
35
J5
O
—
Alternate Ethernet transmit error(2)
AETXEN
54
67
E8
O
—
Alternate Ethernet transmit enable(2)
AETXCLK
—
66
E11
I
ST
Alternate Ethernet transmit clock(2)
AECOL
—
42
L7
I
ST
Alternate Ethernet collision detect(2)
AECRS
—
41
J7
I
ST
Alternate Ethernet carrier sense(2)
AEMDC
30
71
C11
O
—
Alternate Ethernet Management Data clock(2)
AEMDIO
49
68
E9
I/O
—
Alternate Ethernet Management Data(2)
TRCLK
—
91
C5
O
—
Trace clock
TRD0
—
97
A3
O
—
Trace Data bits 0-3
TRD1
—
96
C3
O
—
TRD2
—
95
C4
O
—
TRD3
—
92
B5
O
—
PGED1
16
25
K2
I/O
ST
Data I/O pin for Programming/Debugging
Communication Channel 1
PGEC1
15
24
K1
I
ST
Clock input pin for Programming/Debugging
Communication Channel 1
PGED2
18
27
J3
I/O
ST
Data I/O pin for Programming/Debugging
Communication Channel 2
PGEC2
17
26
L1
I
ST
Clock input pin for Programming/Debugging
Communication Channel 2
MCLR
7
13
F1
I/P
ST
Master Clear (Reset) input. This pin is an
active-low Reset to the device.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com