Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 80Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 81Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 82Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 84Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 85Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 86Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 87Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 256 page
background image
TABLE 4-15:
SPI1 REGISTER MAP FOR PIC32MX534F064L, PIC32MX564F064L, PIC32MX564F128L, PIC32MX575F256L,
PIC32MX575F512L, PIC32MX664F064L, PIC32MX664F128L, PIC32MX675F256L, PIC32MX675F512L, PIC32MX695F512L,
PIC32MX764F128L, PIC32MX775F256L, PIC32MX775F512L AND PIC32MX795F512L DEVICES(1)
Register
Name
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
5E00 SPI1CON
31:16
FRMEN
FRMSYNC FRMPOL
MSSEN FRMSYPW
FRMCNT<2:0>
—
—
—
—
—
—
SPIFE
ENHBUF 0000
15:0
ON
FRZ
SIDL
DISSDO
MODE32
MODE16
SMP
CKE
SSEN
CKP
MSTEN
—
STXISEL<1:0>
SRXISEL<1:0>
0000
5E10 SPI1STAT
31:16
—
—
—
RXBUFELM<4:0>
—
—
—
TXBUFELM<4:0>
0000
15:0
—
—
—
—
SPIBUSY
—
—
SPITUR
SRMT
SPIROV
SPIRBE
—
SPITBE
—
SPITBF
SPIRBF
0008
5E20 SPI1BUF
31:16
DATA<31:0>
0000
15:0
0000
5E30 SPI1BRG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
BRG<8:0>
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table except SPIxBUF have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com