Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 32Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 39Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 36
© 2009-2011 Microchip Technology Inc.
RG0
—
90
A5
I/O
ST
PORTG is a bidirectional I/O port
RG1
—
89
E6
I/O
ST
RG6
4
10
E3
I/O
ST
RG7
5
11
F4
I/O
ST
RG8
6
12
F2
I/O
ST
RG9
8
14
F3
I/O
ST
RG12
—
96
C3
I/O
ST
RG13
—
97
A3
I/O
ST
RG14
—
95
C4
I/O
ST
RG15
—
1
B2
I/O
ST
RG2
37
57
H10
I
ST
PORTG input pins
RG3
36
56
J11
I
ST
T1CK
48
74
B11
I
ST
Timer1 external clock input
T2CK
—
6
D1
I
ST
Timer2 external clock input
T3CK
—
7
E4
I
ST
Timer3 external clock input
T4CK
—
8
E2
I
ST
Timer4 external clock input
T5CK
—
9
E1
I
ST
Timer5 external clock input
U1CTS
43
47
L9
I
ST
UART1 clear to send
U1RTS
49
48
K9
O
—
UART1 ready to send
U1RX
50
52
K11
I
ST
UART1 receive
U1TX
51
53
J10
O
—
UART1 transmit
U3CTS
8
14
F3
I
ST
UART3 clear to send
U3RTS
4
10
E3
O
—
UART3 ready to send
U3RX
511
F4
I
ST
UART3 receive
U3TX
612
F2
O
—
UART3 transmit
U2CTS
21
40
K6
I
ST
UART2 clear to send
U2RTS
29
39
L6
O
—
UART2 ready to send
U2RX
31
49
L10
I
ST
UART2 receive
U2TX
32
50
L11
O
—
UART2 transmit
U4RX
43
47
L9
I
ST
UART4 receive
U4TX
49
48
K9
O
—
UART4 transmit
U6RX
814
F3
I
ST
UART6 receive
U6TX
410
E3
O
—
UART6 transmit
U5RX
21
40
K6
I
ST
UART5 receive
U5TX
29
39
L6
O
—
UART5 transmit
SCK1
—
70
D11
I/O
ST
Synchronous serial clock input/output for SPI1
SDI1
—
9
E1
I
ST
SPI1 data in
SDO1
—
72
D9
O
—
SPI1 data out
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com