Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 31Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 32Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 35
PIC32MX5XX/6XX/7XX
RD0
46
72
D9
I/O
ST
PORTD is a bidirectional I/O port
RD1
49
76
A11
I/O
ST
RD2
50
77
A10
I/O
ST
RD3
51
78
B9
I/O
ST
RD4
52
81
C8
I/O
ST
RD5
53
82
B8
I/O
ST
RD6
54
83
D7
I/O
ST
RD7
55
84
C7
I/O
ST
RD8
42
68
E9
I/O
ST
RD9
43
69
E10
I/O
ST
RD10
44
70
D11
I/O
ST
RD11
45
71
C11
I/O
ST
RD12
—
79
A9
I/O
ST
RD13
—
80
D8
I/O
ST
RD14
—
47
L9
I/O
ST
RD15
—
48
K9
I/O
ST
RE0
60
93
A4
I/O
ST
PORTE is a bidirectional I/O port
RE1
61
94
B4
I/O
ST
RE2
62
98
B3
I/O
ST
RE3
63
99
A2
I/O
ST
RE4
64
100
A1
I/O
ST
RE5
1
3
D3
I/O
ST
RE6
2
4
C1
I/O
ST
RE7
3
5
D2
I/O
ST
RE8
—
18
G1
I/O
ST
RE9
—
19
G2
I/O
ST
RF0
58
87
B6
I/O
ST
PORTF is a bidirectional I/O port
RF1
59
88
A6
I/O
ST
RF2
—
52
K11
I/O
ST
RF3
33
51
K10
I/O
ST
RF4
31
49
L10
I/O
ST
RF5
32
50
L11
I/O
ST
RF8
—
53
J10
I/O
ST
RF12
—
40
K6
I/O
ST
RF13
—
39
L6
I/O
ST
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com