Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 49Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 50Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 51Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 52Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 53Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 54Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 55Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 56Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 53
PIC32MX5XX/6XX/7XX
Coprocessor 0 also contains the logic for identifying
and managing exceptions. Exceptions can be caused
by a variety of sources, including alignment errors in
data, external events or program errors. Table 3-3 lists
the exception types in order of priority.
TABLE 3-3:
PIC32MX5XX/6XX/7XX FAMILY CORE EXCEPTION TYPES
Exception
Description
Reset
Assertion MCLR or a Power-on Reset (POR).
DSS
EJTAG debug single step.
DINT
EJTAG debug interrupt. Caused by the assertion of the external EJ_DINT input or by setting the
EjtagBrk bit in the ECR register.
NMI
Assertion of NMI signal.
Interrupt
Assertion of unmasked hardware or software interrupt signal.
DIB
EJTAG debug hardware instruction break matched.
AdEL
Fetch address alignment error.
Fetch reference to protected address.
IBE
Instruction fetch bus error.
DBp
EJTAG breakpoint (execution of SDBBP instruction).
Sys
Execution of SYSCALL instruction.
Bp
Execution of BREAK instruction.
RI
Execution of a reserved instruction.
CpU
Execution of a coprocessor instruction for a coprocessor that is not enabled.
CEU
Execution of a CorExtend instruction when CorExtend is not enabled.
Ov
Execution of an arithmetic instruction that overflowed.
Tr
Execution of a trap (when trap condition is true).
DDBL/DDBS
EJTAG Data Address Break (address only) or EJTAG data value break on store (address + value).
AdEL
Load address alignment error.
Load reference to protected address.
AdES
Store address alignment error.
Store to protected address.
DBE
Load or store bus error.
DDBL
EJTAG data hardware breakpoint matched in load data compare.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com