Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 91Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 92Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 93Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 94Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 95Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 96Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 97Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 98Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 256 page
background image
TABLE 4-22:
FLASH CONTROLLER REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
F400 NVMCON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
WR
WREN
WRERR
LVDERR
LVDSTAT
—
—
—
—
—
—
—
NVMOP<3:0>
0000
F410
NVMKEY
31:16
NVMKEY<31:0>
0000
15:0
0000
F420 NVMADDR(1)
31:16
NVMADDR<31:0>
0000
15:0
0000
F430 NVMDATA
31:16
NVMDATA<31:0>
0000
15:0
0000
F440
NVMSRC
ADDR
31:16
NVMSRCADDR<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.
TABLE 4-23:
SYSTEM CONTROL REGISTER MAP(1,2)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
F000 OSCCON
31:16
—
—
PLLODIV<2:0>
FRCDIV<2:0>
—
SOSCRDY
—
PBDIV<1:0>
PLLMULT<2:0>
0000
15:0
—COSC<2:0>
—
NOSC<2:0>
CLKLOCK
ULOCK
SLOCK
SLPEN
CF
UFRCEN
SOSCEN
OSWEN
0000
F010 OSCTUN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
TUN<5:0>
0000
0000 WDTCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
—
—
—
—
—
—
—
SWDTPS<4:0>
—
WDTCLR 0000
F600
RCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CMR
VREGS
EXTR
SWR
—
WDTO
SLEEP
IDLE
BOR
POR
0000
F610 RSWRST
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—SWRST
0000
F230
SYSKEY
31:16
SYSKEY<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.
2:
Reset values are dependent on the DEVCFGx Configuration bits and the type of Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com