Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 64Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 65Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 66Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 67Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 68Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 69Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 70Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 71Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 256 page
background image
10D0
IPC4
31:16
—
—
—
INT4IP<2:0>
INT4IS<1:0>
—
—
—
OC4IP<2:0>
OC4IS<1:0>
0000
15:0
—
—
—
IC4IP<2:0>
IC4IS<1:0>
—
—
—
T4IP<2:0>
T4IS<1:0>
0000
10E0
IPC5
31:16
—
—
—
—
—
—
—
—
—
—
—
OC5IP<2:0>
OC5IS<1:0>
0000
15:0
—
—
—
IC5IP<2:0>
IC5IS<1:0>
—
—
—
T5IP<2:0>
T5IS<1:0>
0000
10F0
IPC6
31:16
—
—
—
AD1IP<2:0>
AD1IS<1:0>
—
—
—
CNIP<2:0>
CNIS<1:0>
0000
—
—
—
I2C1IP<2:0>
I2C1IS<1:0>
—
—
—
U1IP<2:0>
U1IS<1:0>
0000
15:0
SPI3IP<2:0>
SPI3IS<1:0>
I2C3IP<2:0>
I2C3IS<1:0>
1100
IPC7
—
—
—
U3IP<2:0>
U3IS<1:0>
—
—
—
CMP2IP<2:0>
CMP2IS<1:0>
0000
31:16
SPI2IP<2:0>
SPI2IS<1:0>
I2C4IP<2:0>
I2C4IS<1:0>
15:0
—
—
—
CMP1IP<2:0>
CMP1IS<1:0>
—
—
—
PMPIP<2:0>
PMPIS<1:0>
0000
1110
IPC8
31:16
—
—
—
RTCCIP<2:0>
RTCCIS<1:0>
—
—
—
FSCMIP<2:0>
FSCMIS<1:0>
0000
—
—
—
—
—
—
—
—
—
—
—
U2IP<2:0>
U2IS<1:0>
0000
15:0
SPI4IP<2:0>
SPI4IS<1:0>
I2C5IP<2:0>
I2C5IS<1:0>
1120
IPC9
31:16
—
—
—
DMA3IP<2:0>
DMA3IS<1:0>
—
—
—
DMA2IP<2:0>
DMA2IS<1:0>
0000
15:0
—
—
—
DMA1IP<2:0>
DMA1IS<1:0>
—
—
—
DMA0IP<2:0>
DMA0IS<1:0>
0000
1130
IPC10
31:16
—
—
—
DMA7IP<2:0>(2)
DMA7IS<1:0>(2)
—
—
—
DMA6IP<2:0>(2)
DMA6IS<1:0>(2)
0000
15:0
—
—
—
DMA5IP<2:0>(2)
DMA5IS<1:0>(2)
—
—
—
DMA4IP<2:0>(2)
DMA4IS<1:0>(2)
0000
1140
IPC11
31:16
—
—
—
CAN2IP<2:0>(2)
CAN2IS<1:0>(2)
—
—
—
CAN1IP<2:0>
CAN1IS<1:0>
0000
15:0
—
—
—
USBIP<2:0>
USBIS<1:0>
—
—
—
FCEIP<2:0>
FCEIS<1:0>
0000
1150
IPC12
31:16
—
—
—
U5IP<2:0>
U5IS<1:0>
—
—
—
U6IP<2:0>
U6IS<1:0>
0000
15:0
—
—
—
U4IP<2:0>
U4IS<1:0>
—
—
—
ETHIP<2:0>
ETHIS<1:0>
0000
TABLE 4-4:
INTERRUPT REGISTER MAP FOR PIC32MX764F128H, PIC32MX775F256H, PIC32MX775F512H AND
PIC32MX795F512H DEVICES(1) (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Except where noted, all registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV
Registers” for more information.
2:
This bit is unimplemented on PIC32MX764F128H device.
3:
This register does not have associated CLR, SET, and INV registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com