Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 39Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 40Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 41Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 42Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 39
PIC32MX5XX/6XX/7XX
PMALL
30
44
L8
O
—
Parallel Master Port address latch enable
low byte (Multiplexed Master modes)
PMALH
29
43
K7
O
—
Parallel Master Port address latch enable
high byte (Multiplexed Master modes)
PMRD
53
82
B8
O
—
Parallel Master Port read strobe
PMWR
52
81
C8
O
—
Parallel Master Port write strobe
VBUS
34
54
H8
I
Analog
USB bus power monitor
VUSB
35
55
H9
P
—
USB internal transceiver supply. If the USB
module is not used, this pin must be connected
to VDD.
VBUSON
11
20
H1
O
—
USB Host and OTG bus power control output
D+
37
57
H10
I/O
Analog
USB D+
D-
36
56
J11
I/O
Analog
USB D-
USBID
33
51
K10
I
ST
USB OTG ID detect
C1RX
58
87
B6
I
ST
CAN1 bus receive pin
C1TX
59
88
A6
O
—
CAN1 bus transmit pin
AC1RX
32
40
K6
I
ST
Alternate CAN1 bus receive pin
AC1TX
31
39
L6
O
—
Alternate CAN1 bus transmit pin
C2RX
29
90
A5
I
ST
CAN2 bus receive pin
C2TX
21
89
E6
O
—
CAN2 bus transmit pin
AC2RX
—
8
E2
1
ST
Alternate CAN2 bus receive pin
AC2TX
—
7
E4
O
—
Alternate CAN2 bus transmit pin
ERXD0
61
41
J7
I
ST
Ethernet Receive Data 0(2)
ERXD1
60
42
L7
I
ST
Ethernet Receive Data 1(2)
ERXD2
59
43
K7
I
ST
Ethernet Receive Data 2(2)
ERXD3
58
44
L8
I
ST
Ethernet Receive Data 3(2)
ERXERR
64
35
J5
I
ST
Ethernet receive error input(2)
ERXDV
62
12
F2
I
ST
Ethernet receive data valid(2)
ECRSDV
62
12
F2
I
ST
Ethernet carrier sense data valid(2)
ERXCLK
63
14
F3
I
ST
Ethernet receive clock(2)
EREFCLK
63
14
F3
I
ST
Ethernet reference clock(2)
ETXD0
2
88
A6
O
—
Ethernet Transmit Data 0(2)
ETXD1
3
87
B6
O
—
Ethernet Transmit Data 1(2)
ETXD2
43
79
A9
O
—
Ethernet Transmit Data 2(2)
ETXD3
42
80
D8
O
—
Ethernet Transmit Data 3(2)
ETXERR
54
89
E6
O
—
Ethernet transmit error(2)
ETXEN
1
83
D7
O
—
Ethernet transmit enable(2)
ETXCLK
55
84
C7
I
ST
Ethernet transmit clock(2)
ECOL
44
10
E3
I
ST
Ethernet collision detect(2)
ECRS
45
11
F4
I
ST
Ethernet carrier sense(2)
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com