Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 51Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 52Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 53Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 54Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 55Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 56Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 57Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 58Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 55
PIC32MX5XX/6XX/7XX
4.0
MEMORY ORGANIZATION
PIC32MX5XX/6XX/7XX microcontrollers provide 4 GB
of unified virtual memory address space. All memory
regions, including program, data memory, SFRs and
Configuration registers, reside in this address space at
their respective unique addresses. The program and
data memories can be optionally partitioned into user
and kernel memories. In addition, the data memory can
be made executable, allowing PIC32MX5XX/6XX/7XX
devices to execute from data memory.
Key features include:
• 32-bit native data width
• Separate User (KUSEG) and Kernel
(KSEG0/KSEG1) mode address space
• Flexible program Flash memory partitioning
• Flexible data RAM partitioning for data and
program space
• Separate boot Flash memory for protected code
• Robust bus exception handling to intercept
runaway code
• Simple memory mapping with Fixed Mapping
Translation (FMT) unit
• Cacheable (KSEG0) and non-cacheable (KSEG1)
address regions
4.1
PIC32MX5XX/6XX/7XX Memory
Layout
PIC32MX5XX/6XX/7XX microcontrollers implement
two address schemes: virtual and physical. All
hardware resources, such as program memory, data
memory and peripherals, are located at their respective
physical addresses. Virtual addresses are exclusively
used by the CPU to fetch and execute instructions as
well as access peripherals. Physical addresses are
used by bus master peripherals, such as DMA and the
Flash controller, that access memory independently of
the CPU.
The memory maps for the PIC32MX5XX/6XX/7XX
devices are illustrated in Figure 4-1 through Figure 4-6.
4.1.1
PERIPHERAL REGISTERS
LOCATIONS
Table 4-1 through Table 4-44 contain the peripheral
address
maps
for
the
PIC32MX5XX/6XX/7XX
devices. Peripherals located on the PB bus are
mapped to 512-byte boundaries. Peripherals on the
FPB bus are mapped to 4-Kbyte boundaries.
Note:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. For
detailed information, refer to Section 3.
“Memory Organization” (DS61115) in
the “PIC32 Family Reference Manual”,
which is available from the Microchip
web site (www.microchip.com/PIC32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com