Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 33Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 34Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 35Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 36Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 37Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 38Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 39Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 40Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 37
PIC32MX5XX/6XX/7XX
SS1
—
69
E10
I/O
ST
SPI1 slave synchronization or frame pulse I/O
SCK3
49
48
K9
I/O
ST
Synchronous serial clock input/output for SPI3
SDI3
50
52
K11
I
ST
SPI3 data in
SDO3
51
53
J10
O
—
SPI3 data out
SS3
43
47
L9
I/O
ST
SPI3 slave synchronization or frame pulse I/O
SCK2
4
10
E3
I/O
ST
Synchronous serial clock input/output for SPI2
SDI2
5
11
F4
I
ST
SPI2 data in
SDO2
6
12
F2
O
—
SPI2 data out
SS2
8
14
F3
I/O
ST
SPI2 slave synchronization or frame pulse I/O
SCK4
29
39
L6
I/O
ST
Synchronous serial clock input/output for SPI4
SDI4
31
49
L10
I
ST
SPI4 data in
SDO4
32
50
L11
O
—
SPI4 data out
SS4
21
40
K6
I/O
ST
SPI4 slave synchronization or frame pulse I/O
SCL1
44
66
E11
I/O
ST
Synchronous serial clock input/output for I2C1
SDA1
43
67
E8
I/O
ST
Synchronous serial data input/output for I2C1
SCL3
51
53
J10
I/O
ST
Synchronous serial clock input/output for I2C3
SDA3
50
52
K11
I/O
ST
Synchronous serial data input/output for I2C3
SCL2
—
58
H11
I/O
ST
Synchronous serial clock input/output for I2C2
SDA2
—
59
G10
I/O
ST
Synchronous serial data input/output for I2C2
SCL4
6
12
F2
I/O
ST
Synchronous serial clock input/output for I2C4
SDA4
5
11
F4
I/O
ST
Synchronous serial data input/output for I2C4
SCL5
32
50
L11
I/O
ST
Synchronous serial clock input/output for I2C5
SDA5
31
49
L10
I/O
ST
Synchronous serial data input/output for I2C5
TMS
23
17
G3
I
ST
JTAG Test mode select pin
TCK
27
38
J6
I
ST
JTAG test clock input pin
TDI
28
60
G11
I
ST
JTAG test data input pin
TDO
24
61
G9
O
—
JTAG test data output pin
RTCC
42
68
E9
O
—
Real-Time Clock alarm output
CVREF-
15
28
L2
I
Analog
Comparator Voltage Reference (low)
CVREF+
16
29
K3
I
Analog
Comparator Voltage Reference (high)
CVREFOUT
23
34
L5
O
Analog
Comparator Voltage Reference output
C1IN-
12
21
H2
I
Analog
Comparator 1 negative input
C1IN+
11
20
H1
I
Analog
Comparator 1 positive input
C1OUT
21
32
K4
O
—
Comparator 1 output
C2IN-
14
23
J2
I
Analog
Comparator 2 negative input
C2IN+
13
22
J1
I
Analog
Comparator 2 positive input
C2OUT
22
33
L4
O
—
Comparator 2 output
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
64-Pin
QFN/TQFP
100-Pin
TQFP
121-Pin
XBGA
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2: See Section 24.0 “Ethernet Controller” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com