Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 10Page - Zilog, Inc. Z8FS040 Datasheet HTML 11Page - Zilog, Inc. Z8FS040 Datasheet HTML 12Page - Zilog, Inc. Z8FS040 Datasheet HTML 13Page - Zilog, Inc. Z8FS040 Datasheet HTML 14Page - Zilog, Inc. Z8FS040 Datasheet HTML 15Page - Zilog, Inc. Z8FS040 Datasheet HTML 16Page - Zilog, Inc. Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
9
Memory Map
Flash Memory (Code Space)
The Z8FS040 is based on Zilog’s Z8F082A device which contains a total of 8KB Flash memory.
Zilog’s PIR technology is located in the 4-KB address range from 1000h to 1FFFh leaving 4 KB from
0000h to 0FFFh available for user application code.
Zilog’s PIR technology is locked and can not be erased by the user or by Zilog Debug Interface (ZDI)
mass or page erase commands.
Figure 5 - Z8FS040 Program Memory Map
0000h
003Dh
003Eh
0FFFh
1FFFh
1000h
User
Application
Code Space
(4033 Bytes)
Reserved for
ePIR Engine
Interrupt Vectors
&
Option Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com