Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 48Page - Zilog, Inc. Z8FS040 Datasheet HTML 49Page - Zilog, Inc. Z8FS040 Datasheet HTML 50Page - Zilog, Inc. Z8FS040 Datasheet HTML 51Page - Zilog, Inc. Z8FS040 Datasheet HTML 52Page - Zilog, Inc. Z8FS040 Datasheet HTML 53Page - Zilog, Inc. Z8FS040 Datasheet HTML 54Page - Zilog, Inc. Z8FS040 Datasheet HTML 55Page - Zilog, Inc. Z8FS040 Datasheet HTML 56Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
50
o
Address range F0h to FFh contains the Advanced API Registers
 EData: 100h-10Fh, 110h-18Fh
o
Defined in ZDS-II Project Settings under Linker Address Spaces
o
Address range 100h to 10Fh contains the Standard API Registers
 SP = 80h
o
Defined in startupePIR.asm
o
First stack location is 7Fh and it grows down
 RP = 00h
o
Defined in startupePIR.asm
o
The application code uses working register group 0
 __intrp = 10h
o
Defined in startupePIR.asm
o
First level interrupt uses working register group 1
 Engine RP = E0h
o
This is the working register group used by the PIR engine
o
Defined by the Engine Entry macro’s EPIR_INIT and EPIR_ADC_ISR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com