Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 12Page - Zilog, Inc. Z8FS040 Datasheet HTML 13Page - Zilog, Inc. Z8FS040 Datasheet HTML 14Page - Zilog, Inc. Z8FS040 Datasheet HTML 15Page - Zilog, Inc. Z8FS040 Datasheet HTML 16Page - Zilog, Inc. Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Z8FS040 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
11
Peripherals
The following sections describe the differences, changes, or limitations placed on any of the Z8FS040
peripherals or other functions from the base Z8F082A device. For more information on the operation
of each peripheral please refer to the appropriate section of PS0228.
Peripheral Availability
Table 4 - Peripheral Availability shows how the peripherals are used by Zilog’s PIR technology and
the differences from the base Z8F082A device. The peripherals used by the PIR technology should
not be used by the application unless the engine is disabled through the PIR Engine Enable register.
Device
Z8FS040xSB20EG
Z8FS040xHH20EG
Z8FS040xHJ20EG
Base MCU Device
Z8F082ASB020EG
Z8F082AHH020EG
Z8F082AHJ020EG
Pins/Package
8 pin SOIC
20 Pin SSOP
28 Pin SSOP
ADC
ANA2 used for PIR sensor
input.
ANA3 is used for second
sensor input in dual pyro
mode.
ANA2 used for PIR sensor
input.
ANA3 connected to
ANA6/VREF.
ANA3 is used for second
sensor input and ANA6
becomes available in Dual
Pyro Mode.
ANA2 used for PIR sensor
input.
ANA3 connected to VREF.
ANA3 is used for second
sensor in Dual Pyro Mode
VREF
Internal VREF used by the
PIR engine and set to 1 V.
Internal VREF used by the
PIR engine and set to 1 V.
Internal VREF used by the
PIR engine and set to 1 V.
Timer 0
Available to application
Available to application
Available to application
Timer 1
Available to application
Available to application
Available to application
GP I/O
PA3/PA1 are multiplexed
with ANA2/ANA3 and used
for PIR sensor input (ANA2
for single pyro mode and
ANA2/ANA3 for dual pyro
mode).
PB2, PB3 & PC2 used for
PIR functions.
In dual pyro mode PC2
becomes available.
PB2, PB3 & PB5 are used
for PIR functions.
In dual pyro mode PB5
becomes available.
Low Power Op
Amp
Not Available
Not Available
Not Available
Comparator
Available to application
Available to application
Available to application
UART
Available to application –
No CTS
Available to application
Available to application
Temperature
Sensor
Not Available
Not Available
Not Available
LED Drive
Available to application
Available to application
WDT
Available to application
Available to application
Available to application
Table 4 - Peripheral Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com