Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 14Page - Zilog, Inc. Z8FS040 Datasheet HTML 15Page - Zilog, Inc. Z8FS040 Datasheet HTML 16Page - Zilog, Inc. Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Z8FS040 Datasheet HTML 20Page - Zilog, Inc. Z8FS040 Datasheet HTML 21Page - Zilog, Inc. Z8FS040 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
13
Timers
There are two independent and identical 16 bit multi-function timers available – Timer 0 and
Timer 1.
Timer 0
This timer is available to the user application.
8 Pin Device: T0OUT not available in Dual Pyro Mode – configured as ANA3 to support
second sensor input. All other external Timer 0 functions are available for the user application.
20 Pin Device: All external Timer 0 functions are available for the user application.
28 Pin Device: All external Timer 0 functions are available for the user application.
Timer 1
This timer is available to the user application.
8 Pin Device: T1IN is configured as ANA2 to support the signal input from the pyroelectric
sensor and is not available to the user application. All other Timer 1 functions are available.
20 Pin Device: All external Timer 1 functions are available for the user application.
28 Pin Device: All external Timer 1 functions are available for the user application.
Watchdog Timer
No changes or limitations are placed on these functions by Zilog’s PIR technology. This is
available to the user application.
Comparator
8 Pin Device: The external pin that carries COUT is configured as ANA2 to support the signal
input from the Pyroelectric sensor. However, the Comparator is still able to generate an
interrupt internally without COUT.
20 Pin Device: All external Comparator functions are available for the user application.
28 Pin Device: All external Comparator functions are available for the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com