Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 26Page - Zilog, Inc. Z8FS040 Datasheet HTML 27Page - Zilog, Inc. Z8FS040 Datasheet HTML 28Page - Zilog, Inc. Z8FS040 Datasheet HTML 29Page - Zilog, Inc. Z8FS040 Datasheet HTML 30Page - Zilog, Inc. Z8FS040 Datasheet HTML 31Page - Zilog, Inc. Z8FS040 Datasheet HTML 32Page - Zilog, Inc. Z8FS040 Datasheet HTML 33Page - Zilog, Inc. Z8FS040 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
25
PIR Status/Control Register 2 (ePIR_SC2)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Range Control
Control
0
Read/Write
Address
104H
Range Control (Bits 0-2)
Motion Detection Range Control
Controlled by application
These bits determine the relative range of motion detection. Larger values decrease the range of
detection. Typical values used for Range are dependant on the lens and pyroelectric sensor being used.
Range is also dependent on target size, speed, and relative temperature. For example, a range control
setting that rejects one target of a particular size at a given distance does not guarantee that a larger
target will be rejected at the same distance.
PIR Status/Control Register 3 (ePIR_SC3) - 28 Pin SSOP
Bit
7
6
5
4
3
2
1
0
Field
ANA7
Scan
Request
ANA6
Scan
Request
ANA5
Scan
Request
ANA4
Scan
Request
Reserved Reserved
ANA1
Scan
Request
ANA0
Scan
Request
Control
R/W
R/W
R/W
R/W
0
0
R/W
R/W
Address
105H
PIR Status/Control Register 3 (ePIR_SC3) - 20 Pin SSOP
Bit
7
6
5
4
3
2
1
0
Field Reserved
ANA6 Scan
Request
ANA5
Scan
Request
ANA4
Scan
Request
Reserved Reserved
ANA1
Scan
Request
ANA0
Scan
Request
Control
0
R/W
Reserved in
Single Pyro Mode
R/W
R/W
0
0
R/W
R/W
Address
105H
PIR Status/Control Register 3 (ePIR_SC3) - 8 Pin SOIC
Bit
7
6
5
4
3
2
1
0
Field Reserved Reserved Reserved Reserved
ANA3 Scan
Request
Reserved
ANA1
Scan
Request
ANA0
Scan
Request
Control
0
0
0
0
R/W
Reserved in
Dual Pyro Mode
0
R/W
R/W
Address
105H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com