Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 39Page - Zilog, Inc. Z8FS040 Datasheet HTML 40Page - Zilog, Inc. Z8FS040 Datasheet HTML 41Page - Zilog, Inc. Z8FS040 Datasheet HTML 42Page - Zilog, Inc. Z8FS040 Datasheet HTML 43Page - Zilog, Inc. Z8FS040 Datasheet HTML 44Page - Zilog, Inc. Z8FS040 Datasheet HTML 45Page - Zilog, Inc. Z8FS040 Datasheet HTML 46Page - Zilog, Inc. Z8FS040 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
38
Ordering Information
The ZMOTION
TM Detection and Control Family comprises the ZMOTIONTM MCU, lens and
pyroelectric sensor. Construct your part number based on the specific combination of MCU, lens and
PIR sensor you wish to order. There are four fields in the part number that determine this
combination.
Order the ZMOTION
TM Detection and Control product from Zilog® using the following table.
Position:
1
2
3
4
5
6
7
8
9
10
11
12
13
Field
Z
M
O
T
MCU
MCU
Package
Lens
PIR
G
Selected Options
Position 1 - 4: ZMOT - ZMOTION
TM Product Family
To purchase the ZMOTION
TM MCU alone, use the ZMOTION MCU part number in the following table.
Position 5, 6 & 7, 8 - MCU and MCU Package Selector:
MCU Part Number
Description
PIR Software
Revision
MCU Field
(Pos 5, 6)
MCU Package
Field (Pos 7, 8)
Z8FS040xSB20EG
Occupancy, 8 pin SOIC
2.00
0B
SB
Z8FS040xHH20EG
Occupancy, 20 pin SSOP
2.00
0B
HH
Z8FS040xHJ20EG
Occupancy, 28 pin SSOP
2.00
0B
HJ
Note: The second digit of the MCU field refers to the PIR software engine revision
Position 9, 10 & 11, 12 - Lens and PIR Sensor Selector:
Manufacturer
Part Number
Description
Lens Field
(Pos 9, 10)
PIR Sensor
PIR Field
(Pos 11, 12)
Fresnel
Technologies
AA 0.9 GI T1
Animal Alley Array (88
o)
0A
RE200B-P
0A
SDA02-54-P
0B
Fresnel
Technologies
CM 0.77 GI V3
Ceiling Mount Array (360
o)
0B
RE200B-P
0A
SBDI46-504AA
0C
Fresnel
Technologies
CM 0.77 GI V5
Ceiling Mount Array (360
o)
0C
RE200B-P
0A
SBDI46-504AA
0C
Fresnel
Technologies
CWM 0.5 GI V1
Ceiling/Wall Mount Array
(360
o)
0D
RE200B-P
0A
SBDI46-504AA
0C
Nicera
NCL-9(26)
Clip-on 15mm Array (360
o)
1A
RE200B-P
0A
SBDI46-504AA
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com