Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 25Page - Zilog, Inc. Z8FS040 Datasheet HTML 26Page - Zilog, Inc. Z8FS040 Datasheet HTML 27Page - Zilog, Inc. Z8FS040 Datasheet HTML 28Page - Zilog, Inc. Z8FS040 Datasheet HTML 29Page - Zilog, Inc. Z8FS040 Datasheet HTML 30Page - Zilog, Inc. Z8FS040 Datasheet HTML 31Page - Zilog, Inc. Z8FS040 Datasheet HTML 32Page - Zilog, Inc. Z8FS040 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
24
PIR Scan Rate (Bit 2)
PIR ADC conversion rate for the Pyroelectric Sensor
Controlled by application
The PIR engine performs the necessary ADC conversions on the PIR sensor input. Each conversion
generates an interrupt that is processed by the PIR engine from the EPIR_ADC_ISR macro. The PIR
Scan Rate bit determines the rate at which the ADC conversions are generated.
In Normal Scan Rate Mode (PIR Scan Rate set to 0), the Z8FS040 ADC peripheral is set to continuous
conversion mode which causes a conversion to be carried out automatically every 256 system clocks. In
this mode, the application is only required to execute the EPIR_ADC_ISR macro for each ADC interrupt.
The ADC continually runs and continuously generates interrupts.
When Low Scan Rate Mode is selected by setting this bit to a 1, continuous conversion mode is
disabled and the ADC is operated in single-shot mode such that each conversion takes 5129 system
clocks to complete. In this mode, the application S/W must initiate the ADC conversion request (set bit 7
of ADCCTL0) and execute the EPIR_ADC_ISR macro once every 5mS.
In Low Scan Rate Mode, the ADC is disabled between conversions to reduce power consumption.
Power consumption can be reduced further if the application S/W uses this mode in conjunction with the
CPU’s Halt or Stop modes. Alternately, this mode can be used to provide the application S/W with
additional CPU processing time.
Although the Low Scan Rate Mode provides the application with more processing power and the
opportunity for the system to reduce power consumption, the normal scan rate will provide better
sensitivity and range. While operating in Low Scan Rate Mode, sensitivity is reduced by approximately
20%. The performance of Direction Detection may also be reduced in this mode. EMC immunity is
disabled while in Low Scan Rate Mode.
If the PIR Scan Rate bit is changed during engine operation, the engine will stop detecting motion for up
to 200mS to avoid potential false motion detection. When changing the PIR Scan Rate mode, the
Advanced API registers must first be updated with the appropriate values.
0 = Normal Scan Rate Mode
1 = Low Scan Rate Mode
Dual Pyro Mode (Bit 0)
Dual Pyroelectric Sensor Signaling Mode
Controlled by Application
This bit determines if the PIR engine should accept signals from one or two pyroelectric sensors. When
configured for single pyro operation, only one sensor is used (connected to ANA2). When configured for
dual pyro operation, the engine will scan two sensors simultaneously. Dual pyro mode is typically used
to provide a larger area of coverage. The second pyroelectric sensor is connected to input ANA3. In
Dual Pyro Mode, motion on either sensor will generate a motion detected event.
0 = Single pyroelectric sensor mode
1 = Dual pyroelectric sensor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com