Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 56 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 56 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 48Page - Zilog, Inc. Z8FS040 Datasheet HTML 49Page - Zilog, Inc. Z8FS040 Datasheet HTML 50Page - Zilog, Inc. Z8FS040 Datasheet HTML 51Page - Zilog, Inc. Z8FS040 Datasheet HTML 52Page - Zilog, Inc. Z8FS040 Datasheet HTML 53Page - Zilog, Inc. Z8FS040 Datasheet HTML 54Page - Zilog, Inc. Z8FS040 Datasheet HTML 55Page - Zilog, Inc. Z8FS040 Datasheet HTML 56Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
51
Appendix D
Use the following table to help select the lens most appropriate to your application. The configuration
file listed contains the optimal API settings for that particular lens and should be included with your
ZMOTION
TM project.
Refer to Product Specification PS0286 for lens usage and details.
Lens Selection Guide
Manufacturer Part Number
Description
Typical
Applications
Configuration
Header File
Fresnel
Technologies
AA 0.9 GI T1
Animal Alley Array (88
o)
35.6mm x 49.9mm Flat Fresnel
22.9mm Focal Length
25 Meter Range
22 equal segments
Corner wall mount or very
high ceiling with
rectangular floor pattern
 Warehouse Lighting
(Bay Light)
 Large area Lighting
Control
 HVAC
PIR_INIT_01.h
Fresnel
Technologies
CM 0.77 GI V3
Ceiling Mount Array (360
o)
37mm diameter circular lens
19.6mm focal length
3.7m radius at 2.4m height
3:1 floor coverage diameter to
height ratio
Ceiling Mount for standard
commercial heights
 Lighting Control
 HVAC Control
 Meeting rooms
PIR_INIT_02.h
Fresnel
Technologies
CM 0.77 GI V5
Ceiling Mount Array (360
o)
37mm diameter circular lens
19.6mm focal length
12.2m radius at 12.2m height
2:1 floor coverage diameter to
height ratio
High Ceiling mount for
commercial and industrial
applications
 Commercial Lighting
Control
 Commercial HVAC
Control
PIR_INIT_03.h
Fresnel
Technologies
CWM 0.5 GI V1
Ceiling/Wall Mount Array
(180
o)
Circular lens with 24mm x
24mm square base
14.2mm focal length
Board mount clip-in
Wall or ceiling mount for
office or meeting room
lighting and HVAC control
 Room Lighting Control
HVAC Control
PIR_INIT_04.h
Nicera
NCL-9(26)
Clip-on 15mm Array (360
o)
Clips on to pyroelectric sensor
2.25m radius at 2m height
2.1:1 Floor coverage diameter
to height ratio
Room Occupancy and
Proximity Sensing
 Lighting Control
 HVAC Control
 Appliance
 Kiosk/Display Control
 Vending Power
Management Appliance
 Kiosk
 Power Management
PIR_INIT_05.h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com