Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 45Page - Zilog, Inc. Z8FS040 Datasheet HTML 46Page - Zilog, Inc. Z8FS040 Datasheet HTML 47Page - Zilog, Inc. Z8FS040 Datasheet HTML 48Page - Zilog, Inc. Z8FS040 Datasheet HTML 49Page - Zilog, Inc. Z8FS040 Datasheet HTML 50Page - Zilog, Inc. Z8FS040 Datasheet HTML 51Page - Zilog, Inc. Z8FS040 Datasheet HTML 52Page - Zilog, Inc. Z8FS040 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
44
Z8FS040xHJ20EG - (28 Pin)
Single Pyroelectric Sensor
Figure 13 shows an example circuit for the 28 pin device of the ZMOTION
TM Detection and
Control MCU Family with a single Pyroelectric sensor. The interface to the pyroelectric sensor
is via the dedicated input ANA2 (pin 1). VREF (pin 3) must be externally tied to ANA3 (pin 4).
The status LED is driven by pin 26 (PC3/COUT) which is normally configured as a GPIO by
the application to control the state of the LED. This pin provides a programmable constant
current sink specifically for LED drive without using an external resistor. Pin 22 is dedicated as
the Debug pin and is connected to pin 4 of the Debug Header. Pin 21 is set up for the Reset
function, but may also be used as PD0 (general purpose I/O) as the application requires. Pull-
up resistors (10K) are provided on the Debug and Reset signals as required for the Debug
interface. All other signals may be used as needed. The power supply design is left to the
application needs.
10K
VDD (3.3V)
1
2
3
4
5
6
VCC
RESET
GND
DBG
GND
NC
Debug Header
10K
VDD (3.3V)
1uF
Z8FS040xHH020EG
1
2
3
4
22
24
23
25
VDD
6
5
7
10
28
27
26
21
20
19
8
9
PB1/ANA1
ANA2
ANA3
PA0/T0IN/T0OUT/XIN
VSS
PA1/T0OUT/XOUT
PA2/DE0
PA4/RXD0
PA3/CTS0
PB0/ANA0
PC3/COUT
PB5/VREF
PC1/ANA5/CINN
PC0/ANA4/CINP
DBG
PA7/T1OUT
PA5/TXD0
RESET/PD0
PA6/T1IN/T1OUT
11
14
12
13
18
17
16
15
PB4/ANA7
AVDD
AVSS
PC5
PC4
PC6
PC7
PC2/ANA6
1uF
47K
Pyro Electric
Sensor
VDD
GND
SIG
VDD (3.3V)
Status LED
VDD (3.3V)
Figure 13 - Required Circuit Connections of Z8FS040xHJ20EG
(28 Pin) Motion Detection MCU – Single Pyro Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com