Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 54 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 48Page - Zilog, Inc. Z8FS040 Datasheet HTML 49Page - Zilog, Inc. Z8FS040 Datasheet HTML 50Page - Zilog, Inc. Z8FS040 Datasheet HTML 51Page - Zilog, Inc. Z8FS040 Datasheet HTML 52Page - Zilog, Inc. Z8FS040 Datasheet HTML 53Page - Zilog, Inc. Z8FS040 Datasheet HTML 54Page - Zilog, Inc. Z8FS040 Datasheet HTML 55Page - Zilog, Inc. Z8FS040 Datasheet HTML 56Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
49
Appendix C
Software Support Files and Project Configuration
The following four files are provided to support the PIR engine:
1. ePIR_API.c: Contains the API register definitions and locates them at their appropriate places
in memory.
2. ePIR_API.h: Provides the bit definitions for the API registers and also contains the macro
definitions for EPIR_INIT and EPIR_ADC_ISR
3. API_INIT_xx.h: This header file contains the default API settings specific to the lens and
pyroelectric sensor being used. The application code loads the API registers with these values
prior to executing the EPIR_INIT macro. Several versions of this file are available from the
zilog website with tested configurations supporting the available lenses and pyroelectric
sensors. Refer to Appendix D to select the appropriate API_INIT_xx file for the selected lens.
4. startupePIR.asm: This is the C startup file that replaces startups.asm or startupl.asm in ZDS-
II. It contains the environment initialization, stack and register pointer configurations required
specifically for a PIR project.
ZDS-II Project Settings
Zilog Developer Studio (ZDS-II) is used for S/W development. Since the compiled application code
has no vision into the operation of the PIR engine, it is important to ensure that the application
working RAM area is not effected by engine operations. To facilitate this, the PIR engine uses working
register group E (addresses E0h to EFh) as its working RAM area and the application code uses
working register group 0 (as defined in startupePIR.asm). These operations are automatically handled
by the compiler and examples are provided with the available sample projects.
The Small Memory Model must be used for the application S/W.
To support the defined memory map, ZDS-II project settings must be configured as follows (sample
projects are available that have these settings already configured).
Application Project Settings (Small Model)
 RData: 20h-6Fh, F0h-FFh
o
Defined in ZDS-II Project Settings under Linker Address Spaces
o
This allows for 16 bytes of stack space starting at 7Fh. If more space is needed,
reduce the 6Fh value.
o
The compiler uses address 00h to 0Fh for working registers
o
Address range 10h to 1Fh is the working register group reserved for first level interrupt
o
If more than 1 level of interrupt nesting is needed by the application, the 20h must be
increased by 10h for every additional nesting level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com