Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 13Page - Zilog, Inc. Z8FS040 Datasheet HTML 14Page - Zilog, Inc. Z8FS040 Datasheet HTML 15Page - Zilog, Inc. Z8FS040 Datasheet HTML 16Page - Zilog, Inc. Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Z8FS040 Datasheet HTML 20Page - Zilog, Inc. Z8FS040 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
12
ADC
Zilog’s PIR technology requires exclusive access to the ADC peripheral in order to detect
motion. However, ADC conversions can be requested by the application through the API (PIR
Status/Control Register 3). If it is necessary for the user application to utilize the ADC
peripheral directly, the PIR engine must first be disabled via the PIR Engine Enable Register in
the API. Motion detection is not possible while the PIR engine is disabled. When the user
application is finished with the ADC peripheral, it must re-enable the PIR engine.
8 Pin Device: PA3 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor.
Therefore ANA2 is not available for user applications. Additionally ANA3 is used for second
sensor input in dual pyro mode. All other channels are available to the user application.
ADC Channel
Available to Application
0
Yes
1
Yes
2
No
3
Only in Single Pyro Mode
20 Pin Device: PB2 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor.
Therefore ANA2 is not available for user applications. Also, ANA3 and ANA6 are not available
since PB3 (ANA3) must be tied directly to PC2 (ANA6/ VREF). PC2 is configured as VREF output
by the PIR engine. In dual pyro mode ANA3 is used for second sensor input – rather than
being tied to VREF and therefore ANA6/ VREF becomes available. All other channels are
available to the user application.
ADC Channel
Available to Application
0
Yes
1
Yes
2
No
3
No
4
Yes
5
Yes
6
Only in Dual Pyro Mode
28 Pin Device: PB2 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor.
Therefore ANA2 is not available for user applications. Also, ANA3 is not available since it is
tied directly to PB5/ VREF. PB5 will be configured as VREF output by the PIR engine. In dual pyro
mode ANA3 is used for second sensor input – rather than being tied to VREF and therefore PB5
becomes available. All other channels are available to the user application.
ADC Channel
Available to Application
0
Yes
1
Yes
2
No
3
No
4
Yes
5
Yes
6
Yes
7
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com