Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Z8FS040 Datasheet HTML 20Page - Zilog, Inc. Z8FS040 Datasheet HTML 21Page - Zilog, Inc. Z8FS040 Datasheet HTML 22Page - Zilog, Inc. Z8FS040 Datasheet HTML 23Page - Zilog, Inc. Z8FS040 Datasheet HTML 24Page - Zilog, Inc. Z8FS040 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
16
Hardware Connection Requirements
This section describes the required external hardware connection for the ZMOTION
TM MCU Series.
Pins are automatically configured to their required function when the PIR engine is initialized via the
EPIR_INIT macro.
See
Appendix A for example schematic diagrams showing the required connections.
The device can be operated in Single Pyro mode supporting one Pyroelectric sensor or Dual Pyro
mode supporting two Pyroelectric sensors. Both of these modes can be operated in Normal or Low
Scan Rate modes.
Depending on the application, there can be up to 3 connection requirements supporting these modes:
1. Pyroelectric Sensor (PIR Sensor)
The signal from the PIR sensor is connected directly to the ANA2 input of the ADC. The ADC
is configured for differential, buffered mode by Zilog’s PIR technology. The sensor signal
should be connected directly to the ADC input with no additional signal conditioning circuitry
unless specified by the pyroelectric sensor manufacturer.
2. ADC VREF
The on chip VREF is configured for 1V nominal. The PIR Sensor signal is connected to the ‘+’
differential input of the ADC (ANA2) and the VREF signal is connected to the ‘-‘ differential input
(ANA3). The 8 pin device has an internal connection from VREF to ANA3 to support this
configuration therefore no external hardware connection is required. The 20 and 28 pin
devices require an external connection from the VREF out signal to the ADC ‘-‘ (ANA3) input.
3. Pyroelectric Passive Infrared Sensor #2
In Dual Pyro mode, the ADC is still used in differential, buffered mode (same as Single Pyro
mode). The signal from the second PIR sensor is connected to ANA3. The VREF signal is no
longer connected to ANA3 (‘-‘ ADC input). The fist PIR sensor is connected to the ‘+’ ADC
input (ANA2) as it is in Single Pyro mode. The VREF signal is still used internally for the ADC,
but the external pin is unused in Dual Pyro mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com