Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 11Page - Zilog, Inc. Z8FS040 Datasheet HTML 12Page - Zilog, Inc. Z8FS040 Datasheet HTML 13Page - Zilog, Inc. Z8FS040 Datasheet HTML 14Page - Zilog, Inc. Z8FS040 Datasheet HTML 15Page - Zilog, Inc. Z8FS040 Datasheet HTML 16Page - Zilog, Inc. Z8FS040 Datasheet HTML 17Page - Zilog, Inc. Z8FS040 Datasheet HTML 18Page - Zilog, Inc. Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
10
RAM Memory Map (Register Files)
There is a total of 1 KB of RAM available on the base Z8F082A device. Some of this RAM (from 080h
to 0EFh and 190h to 3FFh) is used by Zilog’s PIR technology. The remainder of the RAM from 000h
to 07Fh and 110h to 18Fh (256 bytes) is available to the application. The MCU Control Registers are
located at the top of memory from F00h to FFFh and are also available to the application. The area
from 400h to EFFh contains no device memory.
The PIR Motion Detection API is a series of registers located in RAM memory space from 0F0h to
10Fh. It is through these memory locations that configuration and status are passed between the PIR
technology and the user application. Advanced API registers are located from address 0F0h to 0FFh.
See PIR Engine and API section for details on the API registers and setting up the project memory
environment.
Figure 6 - Z8FS040 RAM Memory Map
000h
Reserved for ePIR Engine
080h
FFFh
3FFh
18Fh
F00h
400h
EFFh
100h
0FFh
10Fh
110h
MCU
Control Registers
User Application RAM
(128 Bytes)
Standard ePIR API
Advanced ePIR API
07Fh
0EFh
0F0h
190h
Reserved for ePIR Engine
User Application RAM
(128 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com