Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 34Page - Zilog, Inc. Z8FS040 Datasheet HTML 35Page - Zilog, Inc. Z8FS040 Datasheet HTML 36Page - Zilog, Inc. Z8FS040 Datasheet HTML 37Page - Zilog, Inc. Z8FS040 Datasheet HTML 38Page - Zilog, Inc. Z8FS040 Datasheet HTML 39Page - Zilog, Inc. Z8FS040 Datasheet HTML 40Page - Zilog, Inc. Z8FS040 Datasheet HTML 41Page - Zilog, Inc. Z8FS040 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
33
Using a value less than the value in the PIR Sensitivity Register will result in no motion detection.
PIR Debounce Batch Size Register (ePIR_Debounce_Batch)
Bit
7
6
5
4
3
2
1
0
Field
PIR Debounce Batch Size
Control
Read/Write
Address
F7H
Debounce Batch Size (Bits 0-7)
Controlled by application
This register determines the number of consecutive out-of-window samples required in order to consider
the sequence a valid debounce count. The field works as a mask. Increasing the mask size (i.e. more
bits set to 1) will increase the noise immunity of the engine but result in lower sensitivity to subtle motion
signals.
Valid values are 01h, 03h, 07h, 0Fh, 1Fh, 3Fh, 7Fh, and FFh.
PIR Transient Sensitivity Level (ePIR_Transient_Sense)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
PIR Transient Sensitivity
Control
0
Read/Write
Address
F8H
Transient Sensitivity (Bits 0-6)
Controlled by application
This register determines how sensitive the transient detection part of the engine is to sudden changes in
the PIR signal. A lower number makes the engine more sensitive, at the cost of potential rejection of
large signal motion (ex. warm target very close to detector).
The valid range is 0 (disabled) to 64h.
PIR Noise Sensitivity Level (ePIR_Noise_Sense)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
PIR Noise Sensitivity
Control
0
Read/Write
Address
F9H
Noise Sensitivity (Bits 0-6)
Controlled by application
This register determines how sensitive the noise detection part of the engine is to random noise in the
PIR signal. A lower number makes the noise detector more sensitive, at the cost of potential rejection of
small-signal motion (ex. Small delta between ambient and target temperature or distant target). The
valid range is 0 (disabled) to a maximum value determined by the Window Size selected in the PIR
Advanced Status/Control Register 2.
Window Size
Max PIR Noise Sensitivity Value
Typical Value
Small
0Ch
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com