Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 23 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 23 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 19Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 20Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 21Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 22Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 23Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 24Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 25Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 26Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 27Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SOFTWARE CONFIGURATION cont.
23
Any of the relays can be configured as alarm relays. Each
alarm relay can be configured to be controlled by Level,
Volume (when in Volume & Level mode), or Flow (when in
the Flow & Level mode).
The alarm relays can be configured to have the same on and
off points, or different on and off points.
Alarm Relay Configuration
I/O Configuration Menu (Alarm Relay Setting)
Display
Keystroke
Comment and/or Additional Keystrokes
I/O Config
Press ENT
Enters the Relay Settings menu.
to select
Relay Settings
Press ENT
Allows entry into the Select Relay submenu.
to select
Select Relay
Press ENT
Allows configuration of relay.
to select
Select Relay
Press ENT or
Press ENT to begin configuring relay #1 (if it was not used as a Fault relay) or
1
2, 3, or 4
enter 2, 3, or 4 to configure the other relays.
Fault Relay (#1)
Press
Fault Relay (#1) will be displayed only if you are configuring relay #1. Press
Disable
to keep it disabled as a fault relay, and proceed to configure it as an alarm relay.
Enable/Disable
Press ENT
Enables the relay. After enabling the relay press ENT again to move the
back
Disable
and
up to the top line, and then press
to proceed to the next item.
Controlled By
Press ENT
If the unit is in the Level Only mode, this screen will not be shown. If the unit is
Level
or
in the Volume & Level, or Flow & Level modes, the relay can be used to
control level, volume or flow. Pressing
will set the relay to be controlled by
level. Press ENT,
, ENT, and
if controlling by volume or flow if desired.
Relay On Point
Press ENT
Inserts a
on the bottom line of the LCD which allows the value to be changed.
xxxx units
Enter the value for the on point and then press ENT and
.
Relay Off Point
Press ENT
Inserts a
on the bottom line of the LCD which allows the value to be changed.
xxxx units
Enter the value for the off point and then press ENT and
.
Relay Action
Press ENT
This screen will only appear if the “Relay On” and “Relay Off” points are the
DNRG < Setpoint
or
same. Select either “DNRG<Setpoint” to have the relay de-energize at a value
that is less than the set point (low level fail-safe), or “DNRG>Setpoint” to have
the relay de-energize at a value that is greater than the set point (high level fail-
safe).
Relay On Delay
Press ENT
A one-second delay on the relay is preset from the factory to prevent relay
1 sec
or
chattering during turbulent process conditions. Press
to keep this at one
second, or press ENT to enter a different (0-255 seconds) value.
Relay Off Delay
Press ENT
Press
to keep this at one second, or press ENT to enter a different (0-255
1 sec
or
seconds) value.
Fault Mode
Press ENT
If the unit detects one of the six fault conditions described in Fault Relay
OFF on FAULT
or
Configuration (page 22), the alarm relays can either be configured to turn OFF
(de-energize) or to HOLD their current state. The factory default setting is OFF.
Previous Menu
Press ENT
Reverts back to the Select Relay submenu.
to select
As shown in the General Programming Menu on page 14, all
four relays can be included in a lead-lag group for pump con-
trol. The factory default setting is OFF for the lead-lag mode.
To set-up relays in a lead-lag group, the lead-lag mode must
be changed to one of the following five selections: 1-2, 1-2-
3, 1-2-3-4, 2-3, or 2-3-4. If relay #1 is configured as a fault
relay (page 22), then 2-3 and 2-3-4 are the only two possible
relay groupings for lead-lag control of pumps. If relay #1 is
not configured as a fault relay, then the lead-lag group selec-
tions are 1-2, 1-2-3, or 1-2-3-4.
When configuring the lead-lag mode you will see the follow-
ing warning message: No Alarm Relays in LeadLag Group.
This message means that any relays that are included in the
lead-lag group must have different on and off points. The
software does not allow any individual relays in the lead-lag
group to have the same on and off points. See Figure 16 on
the next page for further explanation.
Lead-Lag Relays
I/O CONFIGURATION MENU cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com