Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 13Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 14Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 15Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 16Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 17Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 18Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 19Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 20Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 21Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
This menu is used to select the measurement units and con-
figure the system to measure Volume & Level. Refer to page
15 for Level Only applications or page 20 for Flow & Level
applications.
Following is a step-by-step procedure for using the Volume
& Level menu. It is assumed that you are starting from the
RUN mode.
SOFTWARE CONFIGURATION cont.
17
SYSTEM CONFIGURATION MENU—VOLUME AND LEVEL
System Configuration Menu (Volume and Level)
Display
Keystroke
Comment and/or Additional Keystrokes
Magnetrol Int’l
Press ENT
At start up, the unit is in the run mode displaying Magnetrol Int’l. Pressing ENT
xxxx units
allows you to enter the main menu.
Measured Values
Press
Allows you to enter the System Config menu.
ENT to Select
System Config
Press ENT
Enters the first display (Level Units) of System Config menu.
Level Units
If inches are the desired Level Units press
to continue to the next item. To
Inches
Press ENT or
change units, press ENT and
to select Feet, Centimeters, or Meters. Press ENT
to select desired Level Units.
Enter Password
Enter Valid Password
Entering a valid password and pressing ENT sets your unit selection and
(if units changed)
(factory default is 300)
continues on to the next item.
Mode Setup
Press ENT
Then press
then ENT to change to Volume and Level mode.
Level Only
Volume Units
If cubic feet are the desired Volume Units, press
to continue to the next item.
Cubic Feet
Press ENT or
To change units, press ENT and
to select cubic inches, gallons, milliliters, or
liters. Press ENT to select desired Volume Units.
Press ENT,
, then ENT to change present setting. You may select Rectangular,
Vessel Type
Press ENT or
Horiz/Flat, Horiz/Ellip, Horiz/Sphere, Spherical, Verti/Flat, Verti/Ellip, Verti/Sphere,
Rectangular
Verti/Conical or Custom Table (Refer to Figure 12 for Custom Table). If the
present setting is correct (Rectangular), press ENT, input vessel dimensions, and
then press
to continue to next selection.
Radius=
The values requested may vary depending on the type of vessel selected. Refer
xxxx units
Enter value and press ENT
to vessel drawing for proper dimensions.
(Vessel Dependent)
Width=
The values requested may vary depending on the type of vessel selected. Refer
xxxx units
Enter value and press ENT
to vessel drawing for proper dimensions.
(Vessel Dependent)
Length=
The values requested may vary depending on the type of vessel selected. Refer
xxxx units
Enter value and press ENT
to vessel drawing for proper dimensions.
(Vessel Dependent)
Range Setting
Press ENT or
Press ENT to change the range setting. If setting is correct, press
to continue
xxxx units
to Span Settings.
NOTE: It is recommended to use Manual Set (as opposed to Auto Set) when changing the range or span settings.
Press ENT to manually set the range setting. An
will appear in the bottom line
Manual Set
Press ENT or
of the display. This allows you to change the range value. Measure the distance
xxxx units
from the face of the transducer to the maximum distance to be measured. Enter
value and press ENT. If Auto Set is preferred press
.
The liquid surface must be at the maximum distance to be measured. Check to
Auto Set (If chosen)
Press ENT or
see that the distance being displayed is correct. When you press the ENT key,
xxxx units
that distance will be set as your range and the program will continue on to the
next selection. To continue without making changes press
.
NOTE: The span value is automatically set ONLY when the entered range value has decreased from its previous value.
Span Setting
Value shown will be 18 inches less than the range setting. This is the maximum
xxxx units
Press ENT or
span value available. To reduce the span press ENT. If the present setting is
correct press
to continue to Previous Menu.
Manual Set
Press ENT to manually set the span setting. Measure the distance from the
xxxx units
Press ENT or
maximum range that was set to the highest point to be measured. Enter value
and press ENT. If Auto Set is preferred press
.
The liquid surface must be at the highest level to be measured. Check to see
Auto Set (If chosen)
Press ENT or
that the level being displayed is correct. When you press the ENT key, that
xxxx units
measurement will be set as your span and the program will continue on to the
next selection. To continue without changes press
.
Previous Menu
Press ENT
Pressing the ENT key will set all values and return to System Config. Press DEL
ENT to select
to return to the run mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com