Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 11Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 12Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 13Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 14Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 15Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 16Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 17Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 18Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
System Configuration Menu (Level Only)
Display
Keystroke
Comment and/or Additional Keystrokes
Magnetrol Int’l
Press ENT
At start up, the unit is in the run mode displaying Magnetrol Int’l. Pressing ENT
xxxx units
allows you to enter the main menu.
Measured Values
Press
Allows you to enter the System Config menu.
ENT to Select
System Config
Press ENT
Enters the first display (Level Units) of System Config. menu.
Level Units
If inches are the desired Level Units press
to continue to the next item. To
Inches
Press ENT or
change units, press ENT and
to select Feet, Centimeters, or Meters. Press ENT
to select desired Level Units.
Enter Password
Enter Valid Password
Entering a valid password and pressing ENT sets your unit selection and
(if units changed)
(factory default is 300)
continues on to the next item.
Mode Setup
Press
to continue to the next item. This section covers a Level Only config-
Level Only
Press
uration. Turn to page 17 if a Volume & Level configuration is desired, or page 20
for Flow & Level.
SOFTWARE CONFIGURATION cont.
The Measured Values Menu can be accessed by pressing the
ENT
key from the run mode. You may scroll though the
measured values by using the up and down arrows. The
items displayed in the Measured Values Menu will differ
depending on whether Level Only, Vol & Level, or Flow &
Level
has been selected in the System Config section
described later in this manual.
Measured Values Menu
Display
Keystroke
Comments or Additional Keystrokes
Magnetrol Int’l
Press ENT
Enters the Measured Values Menu.
xxxx units
Measured Values
Press ENT
Displays the first item (Level) in the Measured Values Menu.
Level
Press
Indicates the level of material in the vessel. Pressing
allows you to continue
xxxx units
to the next menu item.
Distance
Press
Indicates the distance from the face of the transducer to the target. Pressing
xxxx units
allows you to continue to the next menu item.
Loop
Press
Indicates the milliamp current loop output. Pressing
allows you to continue to
xxxx
the next menu item.
Temperature
Press
Indicates the air temperature at the transducer. The temperature units are in ° F or ° C
depending upon whether English or metric units of level are chosen. Pressing
xxxx F
allows you to continue to the next menu item.
Previous Menu
Press ENT,
, or DEL
Pressing
will cycle back to the Level display, or press ENT or DEL to continue
ENT to select
to the next configuration item.
This System Configuration menu is used for basic setup of
the unit. Refer to pages 13 and 14 for the complete menu
layout. The Model 300/301 is capable of being configured in
three different modes of operation—Level Only, Volume &
Level, or Flow & Level. The System Configuration Menu is
for selecting the measurement units and calibrating the sys-
tem to measure Level Only (refer to page 15-16), Volume &
Level (page 17), or Flow & Level (page 20).
The following table is a step-by-step procedure for using the
Level Only menu. It is assumed that you are starting from the
RUN mode.
Continued on page 16
15
MEASURED VALUES MENU
SYSTEM CONFIGURATION MENU—LEVEL ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com